Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5410 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5410
Description  1 Li-ion/Li-polymer battery protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5410 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5410 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5410 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9. 电气特性
(
VSS=0V,Ta=25℃,除非特别说明)
项目
符号
条件
最小值
典型值
最大值
单位
输入电压
VDD-VSS 工作电压
VDSOP1
-
1.5
-
8
V
VDD-CS 工作电压
VDSOP2
-
1.5
-
20
V
耗电流(有休眠功能的型号)
工作电流
IDD
VDD=3.9V
-
3.0
6.0
μA
休眠电流
IPD
VDD=2.0V
-
-
0.1
μA
耗电流(有过放自恢复功能的型号)
工作电流
IDD
VDD=3.9V
-
3.0
6.0
μA
过放电时耗电流
IOD
VDD=2.0V
-
2.0
3.0
μA
检测电压
4.25V~4.35V,可调整
VCU
-0.05
VCU
VCU
+0.05
V
过充电检测电压
VCU
4.25V~4.35V,可调整
-5℃~55℃(*1)
VCU
-0.06
VCU
VCU
+0.06
过充电释放电压
VCR
4.05V~4.15V,可调整
VCR
-0.05
VCR
VCR
+0.05
V
过放电检测电压
VDL
2.3V~2.9V,可调整
VDL
-0.1
VDL
VDL
+0.1
V
过放电释放电压
VDR
2.9V~3.0V,可调整
VDR
-0.1
VDR
VDR
+0.1
V
放电过流检测电压
VDIP
VDD=3.6V
VDIP
-30
VDIP
VDIP
+30
mV
负载短路检测电压
VSIP
VDD=3.0V
0.55
0.85
1.15
V
充电器检测电压
VCHA
-
-0.3
-
V
延迟时间
过充电检测延迟时间
TOC
VDD=3.9V  4.5V
50
100
150
ms
过放电检测延迟时间
TOD
VDD=3.6V  2.0V
10
25
40
ms
放电过流检测延迟时间
TDIP
VDD=3.6V
5
10
15
ms
负载短路检测延迟时间
TSIP
VDD=3.0V
-
500
700
μs
控制端子输出电压
OD 端子输出高电压
VDH
VDD-0.1 VDD-0.02
-
V
OD 端子输出低电压
VDL
-
0.1
0.5
V
OC 端子输出高电压
VCH
VDD-0.1 VDD-0.02
-
V
OC 端子输出低电压
VCL
-
0.1
0.5
V
向
0V 电池充电的功能(允许或禁止)
充电器起始电压(允许
向
0V 电池充电功能)
V0CH
允许向
0V 电池充电功
能
1.2
-
-
V
电池电压(禁止向
0V
电池充电功能)
V0IN
禁止向
0V 电池充电功
能
-
-
0.5
V
说明:*1、此温度范围内的参数是设计保证值,而非高、低温实测筛选。
.
4
H
1 节锂离子/锂聚合物电池保护 IC
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com