Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5592 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5592
Description  Silicon NPN epitaxial planer type(For DC-DC converter)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5592 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5592 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5592 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
2SC5592
Silicon NPN epitaxial planer type
For DC-DC converter
For various driver circuits
I Features
• Low collector to emitter saturation voltage V
CE(sat) , large current
capacitance
• High-speed switching
• Mini type 3-pin package, allowing downsizing and thinning of the
equipment.
• Complementary pair with 2SA2010
I Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 10 V, IE = 0
0.1
µA
Collector to base voltage
VCBO
IC
= 10 µA, I
E
= 0
15
V
Collector to emitter voltage
VCEO
IC
= 1 mA, I
B
= 015
V
Emitter to base voltage
VEBO
IE = 10 µA, IC = 05
V
Forward current transfer ratio *
1
hFE1
VCE
= 2 V, I
C
= 100 mA
400
1 000
hFE2
VCE
= 2 V, I
C
= 2.5 A
280
Collector to emitter saturation voltage *
1
VCE(sat)
IC = 1 A, IB = 10 mA
110
mV
IC
= 2.5 A, I
B
= 50 mA
220
320
mV
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
30
pF
Transition frequency
fT
VCB = 10 V, IE = −50 mA
180
MHz
f
= 200 MHz
Turn-on time *
2
ton
30
ns
Storage time *
2
tstg
100
ns
Fall time *
2
tf
10
ns
I Electrical Characteristics T
a = 25°C ± 3°C
Marking Symbol: 2T
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
Note) *: Measure on the ceramic substrate at 15 × 15 × 0.6 mm3.
Note) *1: Rank classification (
≤ 1 ms)
*2: Refere to the measurement circuit.
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini Type Package (3-pin)
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
15
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
10
A
Collector current
IC
2.5
A
Collector power dissipation *
PC
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - 2SC5592

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5590 TOSHIBA-2SC5590 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION)
logo
Panasonic Semiconductor
2SC5591 PANASONIC-2SC5591 Datasheet
49Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5591 PANASONIC-2SC5591 Datasheet
164Kb / 11P
Horizontal Deflection Transistor Series for TV
2SC5591A PANASONIC-2SC5591A Datasheet
164Kb / 11P
Horizontal Deflection Transistor Series for TV
logo
Renesas Technology Corp
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results

Similar Description - 2SC5592

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SC5654 PANASONIC-2SC5654 Datasheet
36Kb / 1P
Silicon NPN epitaxial planer type(For DC-DC converter)
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com