Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2DYH2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # W2DYH2
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2DYH2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  W2DYH2 Datasheet HTML 1Page - M-System Co.,Ltd. W2DYH2 Datasheet HTML 2Page - M-System Co.,Ltd. W2DYH2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: W2DYH2
W2DYH2 SPECIFICATIONS
ES-5528 Rev.6 Page 1/3
http://www.m-system.co.jp/
Space-saving Dual Output Signal Conditioners
Mini-MW Series
CURRENT LOOP SUPPLY
(applicable to HART signal, opencircuit detection selectable)
Functions & Features
• Powers a 4 – 20 mA DC current loop
• Isolates and relays HART signals
• Shortcircuit protection
• Opencircuit detection selectable
• High-density mounting
Typical Applications
• 2-wire HART transmitters
Model
SPAN
ZERO
SPAN
ZERO
88.5
(3.49)
29.5 (1.16)
124
(4.88)
mm (inch)
MODEL: W2DYH2–24A[1]-[2][3]
ORDERING INFORMATION
• Code number: W2DYH2-24A[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. W2DYH2-24AA-M2/B/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
24: 24 V DC
INPUT
Current
4 – 20 mA DC (Input resistance 250 Ω)
OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
225 - 600 Ω for HART communication
[1] OUTPUT 2
Y: None
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Opencircuit detection
blank: none
/B: Opencircuit detector (Output 1)
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +110 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Opencircuit detection: Input current 0 mA when the Output
1 loop is open.


Similar Part No. - W2DYH2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2DYH MSYSTEM-W2DYH Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH-24AA-M2 MSYSTEM-W2DYH-24AA-M2 Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH-24AA-M2/Q MSYSTEM-W2DYH-24AA-M2/Q Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH-24AA-P MSYSTEM-W2DYH-24AA-P Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH-24AA-P/Q MSYSTEM-W2DYH-24AA-P/Q Datasheet
108Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2DYH2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2PP MSYSTEM-W2PP Datasheet
121Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2MST MSYSTEM-W2MST Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYS MSYSTEM-W2DYS Datasheet
111Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DY MSYSTEM-W2DY Datasheet
104Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2CA MSYSTEM-W2CA Datasheet
109Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2SP MSYSTEM-W2SP Datasheet
114Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TG MSYSTEM-W2TG Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TS MSYSTEM-W2TS Datasheet
121Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2VS MSYSTEM-W2VS Datasheet
116Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XT MSYSTEM-W2XT Datasheet
135Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com