Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVFH-4WD-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SVFH-4WD-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SVFH-4WD-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SVFH-4WD-R Datasheet HTML 1Page - M-System Co.,Ltd. SVFH-4WD-R Datasheet HTML 2Page - M-System Co.,Ltd. SVFH-4WD-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: SVFH
SVFH SPECIFICATIONS
ES-1324 Rev.2 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
SIGNAL TRANSMITTER
(high dielectric strength)
Functions & Features
• Up to 5 kV isolation between input to output or power
input
• Terminal cover
• PWB coating
72
(2.83)
111
(4.37)
143
(5.63)
mm (inch)
MODEL: SVFH–[1][2]–R[3]
ORDERING INFORMATION
• Code number: SVFH-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. SVFH-04W-R/Q)
• Input range (e.g. -600 – +600 V DC)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Voltage
2W: -100 – +100 mV DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify range (Please specify from the following input range.)
• -20 - +20 mV DC
• -40 - +40 mV DC
• -200 - +200 mV DC
• -250 - +250 V DC
• -500 - +500 V DC
• -600 - +600 V DC
• -700 - +700 V DC
• -1000 - +1000 V DC
• -1250 - +1250 V DC
• -1300 - +1300 V DC
• -1500 - +1500 V DC
• -2000 - +2000 V DC (CE not available)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
7W: -7.5 – +7.5 V DC (Load resistance 7.5 kΩ min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange input: -5 to +105 % (±2000V DC max.)
Zero adjustment: -0.2 to +0.2 % (front)
Span adjustment: 99.8 to 100.2 % (front)
INPUT SPECIFICATIONS
■ DC Voltage
Input resistance: 1 MΩ min. (10 kΩ min. in power failure)
Overload input 1000% 3 min. (±2000V DC max.)
Overload input 300% 5 min. (±2000V DC max.)
INSTALLATION
Power consumption
•DC: ≤ 3 W
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail


Similar Part No. - SVFH-4WD-R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
5mm Height ??Lead free leads
logo
M-System Co.,Ltd.
SVF MSYSTEM-SVF Datasheet
105Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
108Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVF-00-B MSYSTEM-SVF-00-B Datasheet
105Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVF-00-B/CE MSYSTEM-SVF-00-B/CE Datasheet
108Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - SVFH-4WD-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com