Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88852 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 2Page - ASIX Electronics Corporation AX88852 Datasheet HTML 3Page - ASIX Electronics Corporation AX88852 Datasheet HTML 4Page - ASIX Electronics Corporation AX88852 Datasheet HTML 5Page - ASIX Electronics Corporation AX88852 Datasheet HTML 6Page - ASIX Electronics Corporation AX88852 Datasheet HTML 7Page - ASIX Electronics Corporation AX88852 Datasheet HTML 8Page - ASIX Electronics Corporation AX88852 Datasheet HTML 9Page - ASIX Electronics Corporation AX88852 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
6
1.2 Features
• IEEE 802.3u repeater compatible
• Supports 10 or 18 network connections optional configuration.
• 8 PCS interfaces direct interface to PHY chip with PCS interface ( ie.LUC3X04,
KS8761, QSI6611, NWK914 ) to save user cost
• 16 MII interfaces to double the network connections.
• 2 dedicated MII interfaces can also support 100BASE-T4/FX PHY interfaces
• The 2 dedicated MII interfaces can also easily connect to MII interface of 100BASE
MAC controller for network management purpose or other bridging devices.
• Up-to 8 repeater chips can be cascaded for large HUB application
• Low latency design supports Class II repeater implementation with large port number.
• All ports can be separately isolated or partitioned in response to fault condition
• Separate jabber and partition state machines for each port
• Separate carrier integrity monitor state machines for each port to protect network from
some transient fault conditions (AX88853 PCS mode only)
• Management interface for AX88856 (MIB IC) allows all repeater MIBs to be maintained
• Large per-port management counters to reduce CPU overhead
• External pins setup or automatic daisy chain channel setup repeater ID.
• Per-port LED display for Jabber, Partition, Link/Activity. Global utilization and
collision (%) presentation.
• Power on LED diagnosis. All the LED display will follow the “ON-OFF-ON-OFF-
Normal” operation procedure during/after power on reset.
• Dedicated collision LED display
• 208-pin PQFP
The AX88850 Family has the following members:
AX88851
16 shared MII ports + 2 dedicated MII ports
AX88852
8 shared MII ports + 2 dedicated MII ports
AX88853
8 PCS (Symbol) Interface ports + 2 dedicated MII ports
AX88854
AX88851 + AX88853 + management function
AX88856
MIB co-processor for intelligent Hub applications
Function availability list
Parts Number
16MII + 2MII
8MII + 2MII
8PCS + 2MII Management I/F
AX88851
4
AX88852
4
AX88853
4
AX88854
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com