Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS09 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMS09
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS09 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMS09 Datasheet HTML 1Page - Toshiba Semiconductor CMS09 Datasheet HTML 2Page - Toshiba Semiconductor CMS09 Datasheet HTML 3Page - Toshiba Semiconductor CMS09 Datasheet HTML 4Page - Toshiba Semiconductor CMS09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMS09
2003-02-17
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS09
Switching Mode Power Supply Applications
Portable Equipment Battery Applications
· Forward voltage: VFM = 0.45 V (max)
· Average forward current: IF (AV) = 1.0 A
· Repetitive peak reverse voltage: VRRM = 30 V
· Suitable for compact assembly due to small surface-mount package
“M−FLATTM” (Toshiba package name)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
(Note)
IF (AV)
1.0
(Ta
= 51°C)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
25 (50 Hz)
A
Junction temperature
Tj
-40~150
°C
Storage temperature
Tstg
-40~150
°C
Note: Device mounted on a glass-epoxy board
(board size: 50 mm
´ 50 mm, soldering land: 6 mm ´ 6 mm)
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
¾
0.32
¾
VFM (2)
IFM = 0.5 A
¾
0.37
¾
Peak forward voltage
VFM (3)
IFM = 1.0 A
¾
0.40
0.45
V
IRRM
VRRM = 5 V
¾
1.5
¾
Repetitive peak reverse current
IRRM
VRRM = 30 V
¾
15.0
500
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
¾
70
¾
pF
Device mounted on a ceramic board
(soldering land: 2 mm
´ 2 mm)
¾
¾
60
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm
´ 6 mm)
¾
¾
135
°C/W
Thermal resistance
Rth (j-ℓ)
¾
¾
¾
16
°C/W
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMS09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS09 TOSHIBA-CMS09 Datasheet
159Kb / 5P
Switching Mode Power Supply Applications
CMS09 TOSHIBA-CMS09_06 Datasheet
159Kb / 5P
Switching Mode Power Supply Applications
CMS09 TOSHIBA-CMS09_13 Datasheet
171Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results

Similar Description - CMS09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS04 TOSHIBA-CMS04 Datasheet
183Kb / 4P
Switching Mode Podwe Supply Appications Portable Equipment Battery Applications
CMS05 TOSHIBA-CMS05 Datasheet
164Kb / 4P
SWITHING MODE POWER SUPPLY APPLICATIONS PORTABLE EQUIPMENT BATTARY APPLICATIONS
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com