Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8428 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8428 Datasheet HTML 1Page - National Semiconductor (TI) DP8428 Datasheet HTML 2Page - National Semiconductor (TI) DP8428 Datasheet HTML 3Page - National Semiconductor (TI) DP8428 Datasheet HTML 4Page - National Semiconductor (TI) DP8428 Datasheet HTML 5Page - National Semiconductor (TI) DP8428 Datasheet HTML 6Page - National Semiconductor (TI) DP8428 Datasheet HTML 7Page - National Semiconductor (TI) DP8428 Datasheet HTML 8Page - National Semiconductor (TI) DP8428 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLF8649
September 1991
DP8428NS32828 DP8429NS32829
1 Megabit High Speed Dynamic RAM ControllerDrivers
General Description
The DP8428 and DP8429 1M DRAM ControllerDrivers are
designed to provide ‘‘No-Waitstate’’ CPU interface to Dy-
namic RAM arrays of up to 8 Mbytes and larger The
DP8428 and DP8429 are tailored for 32-bit and 16-bit sys-
tem requirements respectively Both devices are fabricated
using National’s new oxide isolated Advanced Low power
Schottky (ALS) process and use design techniques which
enable them to significantly out-perform all other LSI or dis-
crete alternatives in speed level of integration and power
consumption
Each device integrates the following critical 1M DRAM con-
troller functions on a single monolithic device ultra precise
delay line 9 bit refresh counter fall-through row column
and bank select input latches RowColumn address mux-
ing logic on-board high capacitive-load RAS CAS Write
Enable and Address output drivers and precise control sig-
nal timing for all the above
In order to specify each device for ‘‘true’’ worst case operat-
ing conditions all timing parameters are guaranteed while
the chip is driving the capacitive load of 88 DRAMs includ-
ing trace capacitance The chip’s delay timing logic makes
use of a patented new delay line technique which keeps AC
skew to g3 ns over the full VCC range of g10% and tem-
perature range of b55 Cto a125 C The DP8428 and
DP8429 guarantee a maximum RASIN to CASOUT delay of
80 ns or 70 ns even while driving an 8 Mbyte memory array
with error correction check bits included Two speed select-
ed options of these devices are shown in the switching
characteristics section of this document
(Continued)
Features
Y
Makes DRAM interface and refresh tasks appear virtu-
ally transparent to the CPU making DRAMs as easy to
use as static RAMs
Y
Specifically designed to eliminate CPU wait states up to
10 MHz or beyond
Y
Eliminates 20 discrete components for significant board
real estate reduction system power savings and the
elimination of chip-to-chip AC skewing
Y
On-board ultra precise delay line
Y
On-board high capacitive RAS CAS WE and Address
drivers (specified driving 88 DRAMs directly)
Y
AC specified for directly addressing up to 8 Mbytes
Y
Low powerhigh speed bipolar oxide isolated process
Y
Downward pin and function compatible with 256k
DRAM ControllerDrivers DP8409A DP8417 DP8418
and DP8419
Contents
Y
System and Device Block Diagrams
Y
Recommended Companion Components
Y
Device Connection Diagrams and Pin Definitions
Y
Device DifferencesDP8428 vs DP8429
Y
Mode of Operation
(Descriptions and Timing Diagrams)
Y
Application Description and Diagrams
Y
DCAC Electrical Specifications Timing Diagrams and
Test Conditions
System Diagram
TLF8649 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corp
PAL
is a registered trademark of and used under license with Monolithic Memories Inc
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8428

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-20 NSC-DP8420AV-20 Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-25 NSC-DP8420AV-25 Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V-33 NSC-DP8420V-33 Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
More results

Similar Description - DP8428

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
4,194,304 x 1 BIT DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB511000BJ- SIEMENS-HYB511000BJ- Datasheet
192Kb / 22P
1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
logo
Texas Instruments
THCT4502B TI-THCT4502B Datasheet
127Kb / 2P
DYNAMIC RAM CONTROLLER
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
4096 X 1 BIT DYNAMIC RAM
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
64k, 256k Dynamic RAM Controller/Drivers
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
64K DYNAMIC RAM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com