Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8581IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8581IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8581IPWR Datasheet HTML 1Page - Texas Instruments DAC8581IPWR Datasheet HTML 2Page - Texas Instruments DAC8581IPWR Datasheet HTML 3Page - Texas Instruments DAC8581IPWR Datasheet HTML 4Page - Texas Instruments DAC8581IPWR Datasheet HTML 5Page - Texas Instruments DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
DAC
858
1
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
Serial Interface
Shift Register
Control
Logic
SCLK
DAC
Latch
DAC
SDIN
AVSS
DVDD
GND
VREF
VOUT
AVDD
DAC8581
CS
CLR
DAC8581
SLAS481A – AUGUST 2005 – REVISED AUGUST 2005
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
16-Bit Monotonic
DAC8581 is a 16-bit, high-speed, low-noise DAC
operating from dual
±5-V power supplies. DAC8581 is
•
±5-V Rail-to-Rail Output
monotonic, has exceptionally low noise and excep-
•
Very Low Glitch: 0.5 nV-s
tionally low glitch. The DAC8581’s high-performance,
•
Fast Settling: 0.65
µs
rail-to-rail output buffer is capable of settling within
•
Fast Slew Rate: 35 V/
µs
0.65
µs for a 10-V step. Small-signal settling time is
well under 0.3
µs, supporting data update rates up to
•
Low Noise: 20 nV/
√Hz
3 MSPS. A power-on-reset circuit sets the output at
•
±25-mA Load Drive
midscale voltage on power up.
•
±5-V Dual Power Supply
The DAC8581 is simple to use, with a single external
•
Single External Reference
reference and a standard 3-wire SPI interface that
•
Power-On Reset to Midscale
allows clock rates up to 50 MHz.
•
3-MSPS Update Rate
Also see the DAC8580, a member of the same
family. The DAC8580 combines DAC8581 perform-
•
SPI Interface, Up to 50 MHz
ance with an on-chip, 16X over-sampling digital filter.
•
1.8 V–5 V Logic Compatible
The DAC8581 is specified over –40
°C-to-85°C tem-
•
2s Complement Data Format
perature range.
•
Hardware Reset to Midscale
•
TSSOP-16 Package
•
Industrial Process Control
•
CRT Projection TV Digital Convergence
•
Waveform Generation
•
Automated Test Equipment
•
Ultrasound
FUNCTIONAL BLOCK DIAGRAM OF DAC8581
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8581IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8581IPWR TI1-DAC8581IPWR Datasheet
1Mb / 20P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581IPWR TI2-DAC8581IPWR Datasheet
958Kb / 21P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2012
DAC8581IPWR.B TI2-DAC8581IPWR.B Datasheet
958Kb / 21P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2012
DAC8581IPWRG4 TI1-DAC8581IPWRG4 Datasheet
1Mb / 20P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8581IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8580 TI-DAC8580 Datasheet
602Kb / 21P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPOUT, DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com