Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5895 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5895
Description  Silicon NPN epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5895 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5895 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5895 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Transistors
1
Publication date: December 2002
SJD00299AED
2SC5895
Silicon NPN epitaxial planar type
Power supply for Audio & Visual equipments
such as TVs and VCRs
Industrial equipments such as DC-DC converters
■ Features
• High-speed switching (t
stg: storage time/tf: fall time is short)
• Low collector-emitter saturation voltage V
CE(sat)
• Superior forward current transfer ratio h
FE linearity
• TO-220D built-in: Excellent package with withstand voltage 5 kV
guaranteed
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C
= 25°C ± 3°C
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3
Unit: mm
1: Base
2: Collector
3: Emitter
TO-220D-A1 Package
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 10 mA, IB = 060
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 60 V, IE = 0
100
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 60 V, I
B
= 0
100
µA
Forward current transfer ratio
hFE1
VCE = 4 V, IC = 0.2 A
60
hFE2
VCE = 4 V, IC = 1 A
80
250
hFE3
VCE
= 4 V, I
C
= 2 A
30
Collector-emitter saturation voltage
VCE(sat)
IC = 2 A, IB = 0.25 A
0.5
V
Transition frequency
fT
VCE = 10 V, IC = 0.1 A, f = 10 MHz
100
MHz
Turn-on time
ton
IC
= 1 A, Resistance loaded
0.2
µs
Storage time
tstg
IB1 = 0.1 A, IB2 = − 0.1 A
0.7
µs
Fall time
tf
VCC = 50 V
0.15
µs
Internal Connection
B
C
E
Marking Symbol: C5895
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
60
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
2A
Peak collector current
ICP
4A
Collector power
TC = 25°CPC
15
W
dissipation
Ta = 25°C2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.


Similar Part No. - 2SC5895

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5895 SAVANTIC-2SC5895 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5895 JMNIC-2SC5895 Datasheet
151Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5895 ISC-2SC5895 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5895 SAVANTIC-2SC5895 Datasheet
206Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5895 JMNIC-2SC5895_15 Datasheet
151Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5895

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com