Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3964C/DW Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3964C/DW
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964C/DW Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3964C/DW Datasheet HTML 1Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 2Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 3Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 4Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 5Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 6Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 7Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 8Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX3964CEP/MAX3965CEP/MAX3968CEP
(VCC = +3.0V to +5.5V, PECL outputs terminated with 50Ω to (VCC - 2V), TA = 0°C to +70°C, unless otherwise noted. Typical values
are at VCC = +3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(SUB, GND, GNDO tied to ground)
VCC, VCCO.............................................................-0.5V to +7.0V
FILTER, RSSI, IN+, IN-, CZP, CZN, SQUELCH,
LOS+, LOS-, INV, VTH, OUT+, OUT- ......-0.5V to (VCC + 0.5V)
PECL Output Current (OUT+, OUT-, LOS+, LOS-) ............50mA
Differential Voltage Between CZP and CZN..........-1.5V to +1.5V
Differential Voltage Between IN+ and IN- .............-1.5V to +1.5V
Continuous Power Dissipation (TA = +70°C)
20-Lead Thin QFN
(derate 16.9mW/°C above +70°C) ..........................1349mW
20-Pin QSOP (derate 6.7mW/°C above +70°C)...........500mW
Operating Temperature Range............................-40°C to +85°C
Operating Junction Temperature Range (die).....-40°C to +150°C
Processing Temperature (die) .........................................+400°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
PECL outputs open
22
40
mA
LOS Hysteresis
Input = 3.3mVP-P to 90mVP-P (Note 2)
3.8
5
8.0
dB
SQUELCH Input Current
VSQUELCH = VCC, TA = +25°C
27
100
µA
PECL Output Voltage High
(Note 3)
-1025
-880
mV
PECL Output Voltage Low
(Note 3)
-1810
-1620
mV
PECL LOS Output Voltage High
(Note 3)
-1035
-880
mV
PECL LOS Output Voltage Low
(Note 3)
-1810
-1620
mV
LOS Assert Accuracy
Input = 7mVP-P or 90mVP-P
-2.5
+2.5
dB
Miinimum LOS Assert Input
2.7
mVP-P
Maximum LOS Deassert Input
143
mVP-P
Input Sensitivity
2.0
3.3
mVP-P
Input Overload
1.5
VP-P
20% to 80% transition time,
MAX3964/MAX3965
0.92
1.2
2.20
Output Transition Time
tr, tf
MAX3968
0.4
0.8
1.2
ns
Pulse-Width Distortion
(Note 4)
50
200
ps
TTL Output High
IOH = -200µA
2.4
3.1
VCC
V
TTL Output Low
IOL = 200µA
0
0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com