Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E02-FDW1P Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34E02-FDW1P
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1P Datasheet(HTML) 1 Page - STMicroelectronics

  M34E02-FDW1P Datasheet HTML 1Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 2Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 3Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 4Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 5Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 6Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 7Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 8Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
November 2004
M34E02
2 Kbit Serial I²C Bus EEPROM
Serial Presence Detect for DDR2 DIMMs
FEATURES SUMMARY
■
Software Data Protection for lower 128 bytes
■
Two Wire I2C Serial Interface
■
100kHz Transfer Rates
■
1.7 to 3.6V Single Supply Voltage:
■
BYTE and PAGE WRITE (up to 16 bytes)
■
RANDOM and SEQUENTIAL READ Modes
■
Self-Timed Programming Cycle
■
Automatic Address Incrementing
■
Enhanced ESD/Latch-Up Protection
■
More than 1 Million Erase/Write Cycles
■
More than 40 Year Data Retention
Figure 1. Packages
TSSOP8 (DW)
4.4x3mm²
UFDFPN8 (MB)
2x3mm² (MLP)


Similar Part No. - M34E02-FDW1P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34E02-FDW1P STMICROELECTRONICS-M34E02-FDW1P Datasheet
411Kb / 34P
2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
23-Jul-2010
More results

Similar Description - M34E02-FDW1P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
logo
Catalyst Semiconductor
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
4-Kbit Serial Presence Detect EEPROM compatible
21-Oct-2015
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com