Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34E02-FDW1TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M34E02-FDW1TP
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M34E02-FDW1TP Datasheet HTML 4Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 5Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 6Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 7Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 8Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 9Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 10Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 11Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
M34E02
8/23
Figure 6. Result of Setting the Write Protection
Setting the Write-Protection
The M34E02 has a hardware write-protection
feature, using the Write Control (WC) signal. This
signal can be driven High or Low, and must be
held constant for the whole instruction sequence.
When Write Control (WC) is held High, the whole
memory array (addresses 00h to FFh) is write
protected. When Write Control (WC) is held Low,
the write protection of the memory array is
dependent on whether software write-protection
has been set.
Software write-protection allows the bottom half of
the memory area (addresses 00h to 7Fh) to be
write protected irrespective of subsequent states
of the Write Control (WC) signal.
Software write-protection is handled by three in-
structions:
– SWP: Set Write Protection
– CWP: Clear Write Protection
– PSWP: Permanently Set Write Protection
The level of write-protection (set or cleared) that
has been defined using these instructions, re-
mains defined even after a power cycle.
SWP and CWP. If the software write-protection
has been set with the SWP instruction, it can be
cleared again with a CWP instruction.
The two instructions (SWP and CWP) have the
same format as a Byte Write instruction, but with a
different Device Type Identifier (as shown in Table
2). Like the Byte Write instruction, it is followed by
an address byte and a data byte, but in this case
the contents are all “Don’t Care” (Figure 7). Anoth-
er difference is that the voltage, VHV, must be ap-
plied on the E0 pin, and specific logical levels must
be applied on the other two (E1 and E2, as shown
in Table 2).
PSWP. If the software write-protection has been
set with the PSWP instruction, the first 128 bytes
of the memory are permanently write-protected.
This write-protection cannot be cleared by any in-
struction, or by power-cycling the device, and re-
gardless the state of Write Control (WC). Also,
once the PSWP instruction has been successfully
executed, the M34E02 no longer acknowledges
any instruction (with a Device Type Identifier of
0110) to access the write-protection settings.
Figure 7. Setting the Write Protection (WC = 0)
Default EEPROM memory area
state before write access
to the Protect Register
AI01936C
Standard
Array
FFh
Standard
Array
80h
7Fh
00h
Standard
Array
FFh
Write
Protected
Array
80h
7Fh
00h
State of the EEPROM memory
area after write access
to the Protect Register
Memory
Area
SDA LINE
AI01935B
ACK
WORD
ADDRESS
VALUE
(DON'T CARE)
ACK
DATA
VALUE
(DON'T CARE)
ACK
CONTROL
BYTE
BUS ACTIVITY
MASTER
BUS ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com