Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFZ Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
■ MATERIAL CHARACTERISTICS
L material: Standard type .For signal line application in which the blocking region is
near100MHz. Impedance values selected for effectiveness at 10 to 300MHz.
H material: For applications calling for low insertion loss at low frequencies and sharply
Increasing impedance at high frequency. Designed for high impedance at
highfrequency for high speed signal line applications.
K material: High frequency range type intended for the 100MHz region and above. For
signal line applications in which the signal frequency is far from the cutoff
frequency. Impedance values selected for effectiveness at 40 to 400MHz.
G material: Designed as a noise countermeasure for the 200MHz~1GHz range where the
rise of the Zcomponent is in the high frequency area.
Effective Range of Noise Suppression
1MHz
10MHz
100MHz
1GHz
Application
EFZ-L
General Signal Line (I/O Port)
EFZ-H
High Speed Signal Line (LCD panel,
Clock Signal, RAM Bus)
EFZ-K
General Signal Line (I/O Port)
Frequency higher than L material
EFZ-G
Ultra High Speed Signal Line
(>100MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com