Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

538310 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 538310
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

538310 Datasheet(HTML) 2 Page - Festo Corporation.

  538310 Datasheet HTML 1Page - Festo Corporation. 538310 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Mounting type
Partially flush
Product weight
77 g
Housing material
PA
High-alloy stainless steel
Switching status indication
LED yellow
Ambient temperature with flexible cable installation
0 °C ... 80 °C
Degree of protection
IP67
Resistance to interference from magnetic fields
Magnetic direct and alternating fields
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
Selection of additional sensor information
With reduction factor 1 – resistance to magnetic fields
Electrical output
NPN
Selection of sensor version
Standard
5/12/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com