Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6206 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6206
Description  300mA low dropout CMOS voltage regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6206 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6206 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6206 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
300mA 低压差 CMOS 电压稳压器
HM-6206 系列
5、Constant current regulator
6、Dual supply
注意:上述连接图以及参数并不作为保证电路工作的依据,实际的应用电路请在进行充分的实测基础上设定参数。
■ 使用条件
输入电容器
(CIN): 1.0µF以上
输出电容器
(CL): 0.1u µF以上(钽电容器)
注意:一般而言,线性稳压电源因选择外接零件的不同有可能引起振荡。上述电容器使用前请确认在应用
电路上不发生振荡
■ 特性曲线(3.0V 输出)
一、输出电压
-输出电流(负载电流增加时)
二、输出电压和输入电压
三、
Dropout 电压和输出电流
四、
Dropout 电压和输出电压



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com