Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6230 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6230
Description  3A Low Dropout Regulator with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6230 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6230 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6230 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
 
 
 
 
 
4 
3A Low Dropout Regulator
Functional Block Diagram 
 
Figure2:Functional Block Diagram of 
 
Absolute Maximum Ratings 
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Rating
Unit
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 6
V
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6
V
VOUT to GND Voltage
-0.3 ~ VIN+0.3
V
POK to GND Voltage
-0.3 ~ 7
V
EN, FB to GND Voltage
-0.3 ~ VCNTL+0.3
V
Power Dissipation
Internally Limited
Maximum Junction Temperature
150
ºC
Storage Temperature Range
-65°C ≤TJ ≤ +150
ºC
Reflow Temperature (soldering, 10sec)
260
ºC
Thermal Resistance Junction to Ambient
50
°C/W
Thermal Resistance Junction to Case
20
°C/W
Operating Temperature Range
-40 to +125
ºC
Storage Temperature
-65 to +150
ºC
Lead Temperature (Soldering, 10 sec)
260
ºC
ESD Rating (Human Body Model)
2000
V
with Enable
HM6230
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com