Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6225 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6225
Description  400mA output voltage adjustable high speed LDO regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6225 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6225 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6225 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 9
Electrical Characteristics
(VIN= Vout+1,VCE=VIN ,VOUT=VFB, CIN=COUT=1uF,Ta=25
OC,unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA,
X 0.98
VOUT (T)
(Note 1)
X 1.02
V
Output Voltage
Range
VROUT
VIN= VOUT(T)+1V,VCE=VIN
Using test circuit 2
1.25
8
V
Maximum Output
Current
IOUTMAX
VIN= VOUT+1V(Note1)
400
550
mA
Load Regulation
∆V
OUT
1mA≤I
OUT≤100mA
4
10
mV
Dropout Voltage
(Note 1)
VDIF1
IOUT =100mA
125
140
mV
VDIF2
IOUT =200mA
250
270
mV
Supply Current
ISS
VIN= 3V, VCE=VIN
45
60
μA
Stand-by Current
ICEL
VIN= 3V,VCE=0V
0
1
μA
Line Regulation
(Note 1)
∆V
OUT
IOUT =30mA
Vout+1V
≤V
IN≤18V
4
15
mV
CE “High”
Voltage
VCEH
RL=1.0K
Ω
1.3
18
V
CE “Low”
Voltage
VCEL
RL=1.0K
Ω
0
0.7
V
CE “High”
Current
ISH
VCE=7V
-0.1
0.1
μA
CE “Low”
Current
ISL
VCE=0V
-0.1
0.1
μA
Short-circuit
Current
ISHORT
VOUT=0V
70
mA
Thermal
Shutdown
Protection
Tsd
IOUT=1mA,
165
℃
Over Current
Protection
Ilimit
600
mA
Note :
1. VOUT (T) :Output Voltage less than 1.8V, the input Voltage should be 2.8V at least, and the others fulfil the rule of Vin=Vout+1.
2.VOUT (E) :Effective Output Voltage ( le. The output voltage when “VOUT (T)+1.0V”is provided at the Vin pin while maintaining a certain
IOUT value.)
3.VDIF:VIN1 –VOUT (E)’
VIN1 :The input voltage when VOUT(E)’ appears as input voltage is gradually decreased.
VOUT (E)’=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT (T)+1.0V} is input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com