Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6221 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6221
Description  High PSRR LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6221 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6221 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6221 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
4
  
Absolute Maximum Ratings
Supply Voltage ................................-0.3V to 18V
Operating Temperature .................-40℃ to 85℃
Storage Temperature ..................-50℃ to 125℃
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings”
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in the specific ation is not impli ed and pr olonged exposure to extreme conditions may affect
device reliability.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
SOT23-3
500
℃
/W
SOT23-5
500
℃
/W
θJA
Thermal Resistance (Junction to
Ambient) (Assume no ambient
airflow, no heat sink)
SOT89-5
200
℃
/W
SOT23-3
0.20
W
SOT23-5
0.20
W
PD
Power Dissipation
SOT89-5
0.50
W
Note: PD is measured at Ta= 25℃
Electrical Characteristics
HM6221 for any output voltage                                                                (Ta=25℃) 
Parameter 
Symbol 
Conditions 
Min. 
Typ. 
Max. 
Unit 
Output Voltage 
Vout 
Vin=Vout+1V 
1.0mA≤Iout≤30mA 
Vout×0.98
‐‐ 
Vout×1.02 
V 
Output Current*1 
Iout 
Vin‐Vout=1V 
‐‐ 
350 
‐‐ 
mA 
Low dropout*2 
Vdrop 
Refer to the next table 
Line Regulation 
△Vout1/(Vin∙Vout)
1.6V≤Vin≤8V 
Iout=40mA 
‐‐ 
0.05 
0.2 
%/V 
Load Regulation 
△Vout /
ΔIout 
Vin= Vout+1V 
1.0mA≤Iout≤80mA 
‐‐ 
12 
30 
mV 
Output voltage 
Temperature 
Coefficiency 
△Vout/(Ta∙Vout) 
Iout=30mA 
0
≤Ta≤70
℃℃ 
‐‐ 
±100 
‐‐ 
Ppm/℃
Supply Current 
Iss1 
‐‐ 
‐‐ 
8 
10 
uA 
Input Voltage 
Vin 
‐‐ 
‐‐ 
‐‐ 
1
5
V 
PSRR 
PSRR 
F=100Hz 
Vin=Vout+1V 
‐‐ 
60 
‐‐ 
dB 
Output Noise 
EN 
BW=10Hz~100KHz 
‐‐ 
27 
‐‐ 
uVrms 
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com