Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2012IRSA Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430F2012IRSA
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IRSA Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F2012IRSA Datasheet HTML 17Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 18Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 19Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 20Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 21Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 22Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 23Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 24Page - Texas Instruments MSP430F2012IRSA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
active mode supply current (into VCC) excluding external current (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IAM, 1MHz
Active mode (AM)
fDCO = fMCLK = fSMCLK = 1MHz, fACLK = 32,768Hz,
Program executes in flash,
BCSCTL1 = CALBC1_1MHz,
2.2 V
220
270
µA
IAM, 1MHz
Active mode (AM)
current (1MHz)
BCSCTL1 = CALBC1_1MHz,
DCOCTL = CALDCO_1MHz,
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
3 V
300
370
µA
IAM, 1MHz
Active mode (AM)
fDCO = fMCLK = fSMCLK = 1MHz, fACLK = 32,768Hz,
Program executes in RAM,
BCSCTL1 = CALBC1_1MHz,
2.2 V
190
µA
IAM, 1MHz
Active mode (AM)
current (1MHz)
BCSCTL1 = CALBC1_1MHz,
DCOCTL = CALDCO_1MHz,
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
3 V
260
µA
IAM, 4kHz
Active mode (AM)
fMCLK = fSMCLK = fACLK = 32,768Hz/8 = 4,096Hz,
fDCO = 0Hz,
Program executes in flash,
2.2 V
1.2
3
µA
IAM, 4kHz
Active mode (AM)
current (4kHz)
DCO
Program executes in flash,
SELMx = 11, SELS = 1, DIVMx = DIVSx = DIVAx = 11,
CPUOFF = 0, SCG0 = 1, SCG1 = 0, OSCOFF = 0
3 V
1.6
4
µA
IAM,100kHz
Active mode (AM)
fMCLK = fSMCLK = fDCO(0, 0) ≈ 100kHz, fACLK = 0Hz,
Program executes in flash,
2.2 V
37
50
µA
IAM,100kHz
Active mode (AM)
current (100kHz)
Program executes in flash,
RSELx = 0, DCOx = 0,
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 1
3 V
40
55
µA
NOTES:
1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
2. The currents are characterized with a Micro Crystal CC4V−T1A SMD cyrstal with a load capacitance of 9 pF.
The internal and external load capacitance is chosen to closely match the required 9pF.
typical characteristics − active mode supply current (into VCC)
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC − Supply Voltage − V
Figure 2. Active mode current vs VCC, TA = 25°C
fDCO = 1 MHz
fDCO = 8 MHz
fDCO = 12 MHz
fDCO = 16 MHz
0.0
1.0
2.0
3.0
4.0
0.0
4.0
8.0
12.0
16.0
fDCO − DCO Frequency − MHz
Figure 3. Active mode current vs DCO frequency
TA = 25 °C
TA = 85 °C
VCC = 2.2 V
VCC = 3 V
TA = 25 °C
TA = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com