Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9042IDDFR
Description  TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9042IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9042IDDFR Datasheet HTML 17Page - Texas Instruments TLV9042IDDFR Datasheet HTML 18Page - Texas Instruments TLV9042IDDFR Datasheet HTML 19Page - Texas Instruments TLV9042IDDFR Datasheet HTML 20Page - Texas Instruments TLV9042IDDFR Datasheet HTML 21Page - Texas Instruments TLV9042IDDFR Datasheet HTML 22Page - Texas Instruments TLV9042IDDFR Datasheet HTML 23Page - Texas Instruments TLV9042IDDFR Datasheet HTML 24Page - Texas Instruments TLV9042IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
8.3 Feature Description
8.3.1 Operating Voltage
The TLV904x series of operational amplifiers is fully specified and ensured for operation from 1.2 V to 5.5 V.
In addition, many specifications apply from –40°C to 125°C. Parameters that vary significantly with operating
voltages or temperature are provided in Section 7.8. It is highly recommended to bypass power-supply pins with
at least 0.01-μF ceramic capacitors.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV904x series extends to either supply rails. This is true even
when operating at the ultra-low supply voltage of 1.2 V, all the way up to the standard supply voltage of 5.5 V.
This performance is achieved with a complementary input stage: an N-channel input differential pair in parallel
with a P-channel differential pair. Refer to Section 8.2 for more details.
For most amplifiers with a complementary input stage, one of the input pairs, usually the P-channel input pair,
is designed to deliver slightly better performance in terms of input offset voltage, offset drift over the N-channel
pair. Consequently, the P-channel pair is designed to cover the majority of the common mode range with the
N-channel pair slated to slowly take over at a certain threshold voltage from the positive rail. Just after the
threshold voltage, both the input pairs are in operation for a small range referred to as the transition region.
Beyond this region, the N-channel pair completely takes over. Within the transition region, PSRR, CMRR, offset
voltage, offset drift, and THD can be degraded compared to device operation outside this region. Hence, most
applications generally prefer operating in the P-channel input range where the performance is slightly better.
For the TLV904x, the P-channel pair is typically active for input voltages from the negative rail to (V+) – 0.4
V and the N-channel pair is typically active for input voltages from the positive supply to (V+) – 0.4 V. The
transition region occurs typically from (V+) – 0.5 V to (V+) – 0.3 V, in which both pairs are on. These voltage
levels mentioned above can vary with process variations associated with threshold voltage of transistors. In
the TLV904x, 200-mV transition region mentioned above can vary up to 200 mV in either direction. Thus, the
transition region (both stages on) can range from (V+) – 0.7 V to (V+) – 0.5 V on the low end, up to (V+) – 0.3 V
to (V+) – 0.1 V on the high end.
Recollecting the fact that a P-channel input pair usually offers better performance over a N-channel input pair,
the TLV904x is designed to offer a much wider P-channel input pair range, in comparison to most complimentary
input amplifiers in the industry. A side by side comparison of the TLV904x and the TLV900x is provided below.
Note, that the TLV900x guarantees P-channel pair operation only until 1.4 V from the positive rail while the
TLV904x guarantees P-channel pair operation all the way till 0.7 V from the positive rail. This additional 700mV
of P-channel input pair range for the TLV904x is particularly useful when operating at lower supply voltages (1.2
V, 1.8 V etc) where the P-channel input range usually gets limited to a great extent.
Thus the wide common mode swing of input signal can be accommodated more easily within the P-channel
input pair of the TLV904x, while likely avoiding the transition region, thereby maintaining linearity.
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836C – MARCH 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com