Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9044IDYYR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9044IDYYR
Description  TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9044IDYYR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV9044IDYYR Datasheet HTML 21Page - Texas Instruments TLV9044IDYYR Datasheet HTML 22Page - Texas Instruments TLV9044IDYYR Datasheet HTML 23Page - Texas Instruments TLV9044IDYYR Datasheet HTML 24Page - Texas Instruments TLV9044IDYYR Datasheet HTML 25Page - Texas Instruments TLV9044IDYYR Datasheet HTML 26Page - Texas Instruments TLV9044IDYYR Datasheet HTML 27Page - Texas Instruments TLV9044IDYYR Datasheet HTML 28Page - Texas Instruments TLV9044IDYYR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
Figure 8-6. Input Current Protection
8.3.10 Shutdown Function
The TLV904xS devices feature SHDN pins that disable the op amp, placing it into a low-power standby mode.
In this mode, the op amp typically consumes less than 150 nA. The SHDN pins are active low, meaning that
shutdown mode is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply voltage of the op amp. The threshold of the shutdown
feature lies around 500 mV (typical) and does not change with respect to the supply voltage. Hysteresis has
been included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and V– + 0.2 V. A valid logic high is defined as a voltage between V– + 1 V and V+. To enable the
amplifier, the SHDN pins must be driven to a valid logic high. To disable the amplifier, the SHDN pins must be
driven to a valid logic low. We highly recommend that the shutdown pin be connected to a valid high or a low
voltage or driven. The maximum voltage allowed at the SHDN pins is (V+) + 0.5 V. Exceeding this voltage level
will damage the device.
The SHDN pins are high-impedance CMOS inputs. Dual op amp versions are independently controlled and
quad op amp versions are controlled in pairs with logic inputs. For battery-operated applications, this feature
may be used to greatly reduce the average current and extend battery life. The enable time is 160 µs for
full shutdown of all channels; disable time is 10 µs. When disabled, the output assumes a high-impedance
state. This architecture allows the TLV904xS to be operated as a gated amplifier (or to have the device output
multiplexed onto a common analog output bus). Shutdown time (tOFF) depends on loading conditions and
increases as load resistance increases. To ensure shutdown (disable) within a specific shutdown time, the
specified 100-kΩ load to midsupply (VS / 2) is required. If using the TLV904xS without a load, the resulting turnoff
time is significantly increased.
8.3.11 Packages With an Exposed Thermal Pad
The TLV904x family is available in packages such as the WQFN-16 (RTE) which feature an exposed thermal
pad. Inside the package, the die is attached to this thermal pad using an electrically conductive compound. For
this reason, when using a package with an exposed thermal pad, the thermal pad must either be connected to
V– or left floating. Attaching the thermal pad to a potential other then V– is not allowed, and the performance of
the device is not assured when doing so.
8.4 Device Functional Modes
The TLV904x devices have a single functional mode. These devices are powered on as long as the power-
supply voltage is between 1.2 V (±0.6 V) and 5.5 V (±2.75 V).
The TLV904xS devices feature a shutdown pin, which can be used to place the op amp into a low-power mode.
See Section 8.3.10 for more information.
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836C – MARCH 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com