Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP7462N Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # SSP7462N
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSP7462N Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  SSP7462N Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSP7462N Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
=
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = 250 μA
-33
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
--4.8-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
1
-
2.8
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
100
nA
Zero gate voltage drain current
IDSS
VDS = 60 V, VGS = 0 V
-
-
1
μA
VDS = 60 V, VGS = 0 V, TJ = 70 °C
-
-
10
On-state drain current a
ID(on)
VDS  5 V, VGS =10 V
10
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS =10 V, ID = 10 A
-
0.024
VGS = 4.5 V, ID = 5 A
-
0.028
Forward transconductance a
gfs
VDS = 10 V, ID = 10 A
-
39
-
S
Dynamic b
Input capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
-
790
-
pF
Output capacitance
Coss
-
330
-
Reverse transfer capacitance
Crss
-14
-
Total gate charge
Qg
VDS = 30 V, VGS = 10 V, ID = 5 A
-
11.1
17
nC
VDS = 30 V, VGS = 4.5 V, ID = 5 A
-5.2
8
Gate-source charge
Qgs
-2.2
-
Gate-drain charge
Qgd
-1.1
-
Gate resistance
Rg
f = 1 MHz
0.1
0.6
1.2
Turn-on delay time
td(on)
VDD = 30 V, RL = 6 , ID  5 A,
VGEN = 10 V, Rg = 1 
-7
15
ns
Rise time
tr
-21
40
Turn-off delay time
td(off)
-10
20
Fall time
tf
-10
20
Turn-on delay time
td(on)
VDD = 30 V, RL = 6 , ID  5 A,
VGEN = 4.5 V, Rg = 1 
-13
25
Rise time
tr
-25
50
Turn-off delay time
td(off)
-10
20
Fall time
tf
-22
45
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
15
A
Pulse diode forward current
ISM
--
40
Body diode voltage
VSD
IS = 5 A, VGS = 0 V
-
0.79
1.2
V
Body diode reverse recovery time
trr
IF = 5 A, di/dt = 100 A/μs, TJ = 25 °C
-30
60
ns
Body diode reverse recovery charge
Qrr
-
60
120
nC
Reverse recovery fall time
ta
-15
-
ns
Reverse recovery rise time
tb
-15
-
-
-
-
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SSP7462N
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com