Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVT
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73033DBVT Datasheet HTML 1Page - Texas Instruments TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DBV 5
DBV 6
YZQ
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
Fixed Option
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NR
5
FB
Adjustable Option
TPS73028
RIPPLE REJECTION
vs
FREQUENCY
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 200 mA
20
30
60
70
90
100
0
0.05
0.10
0.15
0.20
0.25
0.30
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 200 mA
TPS73028
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IN
EN
OUT
NR
GND
YZQ PACKAGE
(TOP VIEW)
A3
A1
C3
C1
B2
TPS730xx
SBVS054E – NOVEMBER 2004 – REVISED AUGUST 2005
LOW-NOISE, HIGH PSRR, RF 200-mA
LOW-DROPOUT LINEAR REGULATORS
•
200-mA RF Low-Dropout Regulator
The
TPS730xx
family
of
low-dropout
(LDO)
With Enable
low-power linear voltage regulators features high
power-supply rejection ratio (PSRR), ultralow-noise,
•
Available in 1.8-V, 2.5-V, 2.8-V, 3-V, 3.3-V, and
fast start-up, and excellent line and load transient
Adjustable (1.22-V to 5.5-V)
responses a small SOT23 package. NanoStar™
•
High PSRR (68dB at 1 kHz)
packaging gives an ultrasmall footprint as well as an
•
Ultralow-Noise (23
µV
RMS, TPS73018)
ultralow profile and package weight, making it ideal
for portable applications such as handsets and PDAs.
•
Fast Start-Up Time (50
µs)
Each device in the family is stable, with a small
•
Stable With a 2.2-
µF Ceramic Capacitor
2.2-
µF ceramic capacitor on the output. The
•
Excellent Load/Line Transient Response
TPS730xx family uses an advanced, proprietary
BiCMOS fabrication process to yield low dropout
•
Very Low Dropout Voltage (120 mV at Full
voltages (e.g., 120 mV at 200 mA, TPS73030). Each
Load)
device achieves fast start-up times (approximately 50
•
5- and 6-Pin SOT23 (DBV), and Wafer Chip
µs with a 0.001-µF bypass capacitor) while consum-
Scale (YZQ) Packages
ing low quiescent current (170
µA typical). Moreover,
when the device is placed in standby mode, the
supply current is reduced to less than 1
µA. The
•
RF: VCOs, Receivers, ADCs
TPS73018 exhibits approximately 23
µV
RMS of output
voltage noise at 2.8-V output with a 0.01-
µF bypass
•
Audio
capacitor. Applications with analog components that
•
Cellular and Cordless Telephones
are noise-sensitive, such as portable RF electronics,
•
Bluetooth
®, Wireless LAN
benefit from the high PSRR and low-noise features
•
Handheld Organizers, PDAs
as well as the fast response time.
Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar is a trademark of Texas Instruments.
Bluetooth is a registered trademark of Bluetooth Sig, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73033DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033DBVT TI-TPS73033DBVT Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVT TI-TPS73033DBVT Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVT TI1-TPS73033DBVT Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73033DBVT TI2-TPS73033DBVT Datasheet
865Kb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
REVISED APRIL 2015
TPS73033DBVT TI2-TPS73033DBVT Datasheet
3Mb / 43P
TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
REVISED JUNE 2025
More results

Similar Description - TPS73033DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com