Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRPPB Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WRPPB
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPPB Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WRPPB Datasheet HTML 1Page - M-System Co.,Ltd. WRPPB Datasheet HTML 2Page - M-System Co.,Ltd. WRPPB Datasheet HTML 3Page - M-System Co.,Ltd. WRPPB Datasheet HTML 4Page - M-System Co.,Ltd. WRPPB Datasheet HTML 5Page - M-System Co.,Ltd. WRPPB Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: WRPPB
WRPPB SPECIFICATIONS
ES-2223 Rev.3 Page 3/6
http://www.m-system.co.jp/
EN 61010-1
Measurement Category II
Pollution Degree 2
Input or output 1 or output 2 to power input:
Reinforced insulation (300 V)
Input to output 1 to output 2: Basic insulation (300 V)
RoHS Directive
EN 50581
EXTERNAL VIEW
IN A
INPUT
MONITOR
OUT 1A
OUT 2A
IN B
OUT 1B
OUT 2B
A
B
Input Monitor LED
Phase A (Green)
Input Monitor LED
Phase B (Red)
Input Phase B
Output 1 Phase B
Output 2 Phase B
Input Phase A
Output 1 Phase A
Output 2 Phase A
OUTPUT LOGIC
Applicable for both Output 1 and 2.
H
L
Voltage pulse
or
RS-422 line
driver pulse
Output
Non-inverted
Non-inverted
Dry contact
Input
H
L
H
L
OFF
ON
H
L
Inverted
Inverted
H
L
OFF
ON
OFF
ON
OFF
ON
OFF
ON
Open collector
Voltage pulse
RS-422 line driver pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com