Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM7148 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7148
Description  single channel high voltage linear constant current LED driver chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7148 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7148 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7148 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
第
4 页 共 12 页
五、极限参数和电气特性
极限参数
若无特殊说明,环境温度为
25℃
参数
符号
最小
最大
单位
存储温度
Topt
-50
150
℃
工作温度(节温)
Tstg
-40
125
℃
高压引脚耐压(
DOUT1
/ DOUT2 / VCC/CB)
Vout
500
--
V
低压引脚耐压(
VDD /
GATE /CAP/ CS)
VGATE
10
--
V
静电耐受(
HBM)
VESD
2000
--
V
电气特性
若无特殊说明,环境温度为
25℃
参数
说明
最小
典型
最大
单位
工作电压
VAC
AC 200~270V 应用
0
311
400
V
静态电流
Iq
VDD=7.5V
--
55
65
uA
基准电压
Vref
VDD=7.5V
582
600
618
mV
驱动电流
IDOUT1 /
IDOUT2
VDOUT1 / VDOUT2 >
5V, 采样电阻 10Ω
--
60
--
mA
开关关闭检测时间
TCAP
VDD=7.5V, CAP
脚接
200nF 电容
200
--
--
mS
温度补偿转折温度
Tsw
100
110
120
℃
温度补偿斜率
Fsw
-0.5
%/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com