Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWP7N65 Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWP7N65
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWP7N65 Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWP7N65 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWP7N65 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWP7N65 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWP7N65 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
This N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=650V,ID=7A,RDS(ON)<1.25Ω@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
A=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
650
V
VGS
Gate-Source Voltage
±30
V
ID
Continuous Drain Current-
7
A
Continuous Drain Current-TC=100℃
4.7
EAS
Single Pulse Avalanche Energy
1
420
mJ
IAR
7
PD
Power Dissipation
147
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55-+150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
0.88
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
62.5
D S
G
Avalanche Current
2
A
SWP7N65


Similar Part No. - SWP7N65

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWP7N65 SEMIPOWER-SWP7N65 Datasheet
815Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SWP7N65 VBSEMI-SWP7N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SWP7N65

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM20N06-90D DOINGTER-AM20N06-90D Datasheet
800Kb / 5P
N-Channel MOSFET uses advanced trench technology
AM20N10-115D DOINGTER-AM20N10-115D Datasheet
4Mb / 4P
N-Channel MOSFET uses advanced trench technology
AM40N20-180P DOINGTER-AM40N20-180P Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
AM50N03-12D DOINGTER-AM50N03-12D Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
AM50N06-15D DOINGTER-AM50N06-15D Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
AM70N04-06D DOINGTER-AM70N04-06D Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
AM70N15-40P DOINGTER-AM70N15-40P Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
AM90N04-03P DOINGTER-AM90N04-03P Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
AM4492N DOINGTER-AM4492N Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
AM4910N DOINGTER-AM4910N Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com