Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK7N60PD Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7N60PD
Description  7.0 Amps, 600 Volts N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N60PD Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7N60PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Power MOSFET
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
7.0 Amps, 600 Volts
N-CHANNEL MOSFET
DESCRIPTION
The FTK 7N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in switching power supplies and adaptors.
FEATURES
* RDS(ON) =
1.2Ω@V
GS = 10V
* Low gate and reverse transfer Capacitance ( C: 10 pF typical )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Order Number
Pin Assignment
Package
1
2
3
Packing
FTK7N60P
TO-220
G
D
S
Tube
FTK7N60DD
TO-263
G
D
S
Tube
Note: Pin Assignment:
G: Gate
D: Drain
S: Source
2010. 05. 18
1/6
SEMICONDUCTOR
TECHNICAL DATA
FTK7N60P / F / DD
Revision No : 1
P :
F :
1
TO-263
DD :
FTK7N60F
TO-220F
G
D
S
Reel & Taping


Similar Part No. - FTK7N60PD

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
More results

Similar Description - FTK7N60PD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
2 Amps, 600 Volts N-CHANNEL MOSFET
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
15N60 UTC-15N60 Datasheet
165Kb / 6P
15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60P FS-FTK1N60P Datasheet
321Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
10 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com