Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK7N70P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK7N70P
Description  7 Amps, 700 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N70P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK7N70P Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 6Page - First Silicon Co., Ltd FTK7N70P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25˚C, unless otherwise specified)
PARAMET
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
700
V
VDSS
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
7.0
A
TC = 25°C
7.0
A
Continuous Drain Current
TC = 100°C
ID
4.7
Pulsed Drain Current (Note 1)
IDM
28
A
Single Pulse(Note 2)
EAS
530
mJ
Avalanche Energy
Repetitive Limited by TJ(MAX)
EAR
14.2
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TC = 25°C
156 / 48
W
Power Dissipation (TO-220,TO-263/ TO-220F)
Derate above 25°C
PD
1.25 / 0.38
W / ˚C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
UNIT
62.5
Junction-to-Ambient
θJA
1.18
Junction-to-Case
TO-220, TO-263
θJc
˚C / W
ELECTRICAL CHARACTERISTICS
(TC
=25˚C , unless Otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
OFF CHARACTERISTICS
700
V
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA
VDS = 700V, VGS = 0V
10
µ
A
Drain-Source Leakage Current
IDSS
Forward
VGS = 30V, VDS = 0V
100
nA
Gate-Body Leakage Current
Reverse
IGSSF
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS / ΔTJ ID = 250
µ
A, Referenced to
25°C
0.7
V / ˚C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS = 10V, ID = 3.5A
1.7
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1200
pF
Output Capacitance
COSS
150
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
18
pF
2016. 05. 10
2/7
Revision No : 0
Junction Temperature
TJ
+150
˚C
TSTG
-55 ~ +150
˚C
MAX
Operating and Storage Temperature
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 350V, ID = 7.0A
, RG = 25Ω
(Note 4,5)
ns
Turn-On Rise Time
tR
79
ns
Turn-Off Fall Time
tF
52
ns
Total Gate Charge
QG
30
nC
Gate-Source Charge
QGS
VDS= 560V,ID= 7.0A
VGS = 10V
(Note 4,5)
6.5
nC
Turn-Off Delay Time
Gate-Drain Charge
QGD
13
nC
tD(OFF)
MIN
TYP
MAX
Forward Transconductance
gFS
VDS = 40V, ID = 3.5A (Note 4)
8.0
S
IGSSR
35
80
ns
TO-220F
2.6
θJc
FTK7N70P/F/DD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com