Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M105PVC5 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC5
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC5 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC5 Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M105PVC5 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
Figure 10. Transmitter Output Zero Crossing Stability (tTZCS, tR, tF)
Figure 9. Transmitter Output Characteristics (VDIS, VNS, VO)
VDIS
(Overshoot)
(Ring)
VDIS
tR
tF
Zero Crossing
Stability
± 25ns
Figure 11. Receiver Input Zero Crossing Distortion (tRZCD)
Zero Crossing
Distortion
± 150ns
0 Volts
VO
VO
VIN
0 Volts
tTZCS
tRZCD
90%
10%
10%
90%
VNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com