Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM2BS8 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESM2BS8
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BS8 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESM2BS8 Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BS8 Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BS8 Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BS8 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M2BS-8
M2BS-8 SPECIFICATIONS
ES-5006 Rev.10 Page 1/4
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
INSTALLATION BASE (8 positions)
Functions & Features
• Receiving at the maximum of 8 modules of Mini-M series
signal conditioners
• Connector output
• Power supplied through printed wiring on the base
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
MODEL: M2BS–8[1][2]
ORDERING INFORMATION
• Code number: M2BS-8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. M2BS-8U2/D/UL)
[1] FUNCTION
U1: Fujitsu FCN type I/O connector (UL not available)
U2: Omron I/O connector
[2] OPTIONS (multiple selections)
Mounting
blank: Surface
/D: DIN rail mounting adaptor
Standards & Approvals
blank: Without UL
/UL: UL approval
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Capacity: 8 positions
Connection
Power input: M3 screw terminals (torque 0.8 N·m)
Input and output: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
INSTALLATION
Power input: Refer to signal conditioner data sheet. Choose
the same power input specification for all units.
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: wall; optional DIN rail mounting available
(in horizontal direction only)
Weight: 780 g (1.72 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
(input to output to power to FG)
Dielectric strength: 2000 V AC @1 minute (input to output
to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 3111-1, CAN/CSA-C22.2 No.1010-1)
Voltage at the field I/O terminals (except power input
terminals) limited within 30 V DC for UL.


Similar Part No. - ESM2BS8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESM2BS2 MSYSTEM-ESM2BS2 Datasheet
196Kb / 5P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - ESM2BS8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com