Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9164 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9164
Description  1A BiCMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9164 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9164 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9164 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS
TA = +25℃; unless otherwise noted
HM9164
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
+2
+
18
V
Output Voltage Accuracy
VOUT
IO = 1mA to 1.5A
-1.5
1.5
%
Iout=
0.8A
xxxxx400
Iout=600mA
300
mV
Dropout Voltage
VDROPOUT
VOUT=VO(NOM)-4%,
Iout=100mA
200
mV
Output Current
IO
VOUT > 1.5V
800
mA
Current Limit
ILIM
VOUT > 1.5V
1200
mA
Short Circuit Current
ISC
VOUT < 0.4V
750
1
200
mA
Quiescent Current
IQ
IO = 0mA
90
uA
Ground Pin Current
IGND
IO = 1mA to 1A
90
uA
VOUT <=
4.0V
1
.5
%
Line Regulation
REGLINE
IOUT=5mA
VOUT >
4.0V
2
%
Load Regulation
REGLOAD
IO=
0 ~ 0.8A
0.2
1.5
%
Over Temperature Shutdown
OTS
150
℃
Over Temperature Hystersis
OTH
30
℃
VOUT Temperature Coefficient
TC
30
ppm/℃
f=1kHz
7
2
f=10kHz
60
Power Supply Reject
PSRR
IO = 100mA
CO=22µF ceramic
f=100kHz
4
5
dB
CO=22µF
30
Output Voltage Noise
eN
f=10Hz to 100kHz
IO = 10mA
CO=47µF
20
μ
Vrms
Note 1. VIN(MIN) = VOUT + VDROPOUT
1A BiCMOS LDO
Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com