Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD6702 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 5 Page - Torex Semiconductor

  XD6702 Datasheet HTML 1Page - Torex Semiconductor XD6702 Datasheet HTML 2Page - Torex Semiconductor XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
XD6702
Series
VIN = VOUT(T) + 1.0V, VCE = VIN , IOUT = 1mA , CIN
= 1.0μF , C
L
= 2.2μF unless otherwise specified.
This parameter is tested on VIN=4.5V if the input voltage is under 4.5V.
(*1)
VOUT(E) : Actual output voltage value.
(*2)
VOUT(T) : Set output voltage value.
(*3)
Differences in heat dissipation when mounted may cause activation of thermal shutdown circuit,
preventing attainment of maximum output current.
(*4)
Vdif is defined as follows: Vdif={VIN1-VOUT1}.
VIN1 : As input voltage is gradually reduced, the input voltage at which VOUT1 is output.
VOUT1 : 98% of output voltage when VIN is input after stabilizing sufficiently at IOUT=100mA .
(*5) Time from input of voltage higher than CE "H" level voltage into CE pin until output voltage is VOUT(T)×0.9V or higher.
(*6)
The values under -40℃≦Ta≦105℃ has been tested and guaranteed by design engineering.
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
-40℃≦Ta≦105℃(*6)
UNITS
CIRCUIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Input Voltage
VIN
4.5
-
36.0
4.5
-
36.0
V
①
Output Voltage
VOUT(E) (*1)
IOUT=10mA
×0.99
VOUT(T)
(*2)
×1.01
×0.96
VOUT(T)
(*2)
×1.04
V
①
<E-0>
<E-0>
Quiescent Current
ISS
IOUT=0mA
-
40
80
-
40
90
μA
②
Stand-by Current
ISTB
VIN=36.0V,VCE=VSS
-
0.01
0.10
-
0.01
2.10
μA
③
Maximum
Output Current(*3)
IOUTMAX
VIN=VOUT(T)+2.0V
300
-
-
300
-
-
mA
①
Load Regulation
ΔVOUT
VIN=VOUT(T)+2.0V
0.1mA≦IOUT≦300mA
-
VOUT(T)≦5.0V
-
VOUT(T)≦5.0V
mV
①
60
85
60
230
VOUT(T)>5.0V
VOUT(T)>5.0V
60
130
60
275
Dropout Voltage
Vdif (*4)
IOUT=100mA
-
<E-1>
-
<E-1>
mV
①
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)+0.5V≦VIN≦36.0V
-
0.01
0.03
-
0.01
0.03
%/V
①
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTopr・VOUT)
-
±50
-
-
±50
-
ppm /℃
①
Ripple Rejection Ratio
PSRR
VIN=VOUT(T)+1.0VDC+0.5Vp-pAC
IOUT=10mA, f=1kHz
CIN Unconnected
-
65
-
-
65
-
dB
④
Limit Current(*3)
ILIM
VIN=VOUT(T)+2.0V
VOUT=VOUT(E)×0.95
370
460
-
310
460
-
mA
①
Short - Circuit Current
ISHORT
VOUT=VSS
-
115
-
-
115
-
mA
①
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
-
150
-
℃
①
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
140
-
-
140
-
℃
①
Thermal Shutdown
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
10
-
-
10
-
℃
①
Soft-Start Time(*5)
tSS
VCE=0V→VIN
-
370
890
-
370
1100
μs
⑤
Inrush Current
IRUSH
VCE=0V→VIN
-
VOUT(T)≦3.3V
-
VOUT(T)≦3.3V
mA
⑤
55
95
55
155
3.3V<VOUT(T)≦5.0V
3.3V<VOUT(T)≦5.0V
70
135
70
215
VOUT(T)>5.0V
VOUT(T)>5.0V
125
210
125
330
CE "H" Level Voltage
VCEH
2.5
-
36.0
2.5
-
36.0
V
⑥
CE "L" Level Voltage
VCEL
VSS
-
1.2
VSS
-
1.2
V
⑥
CE "H" Level Current
ICEH
VCE=VIN=36.0V
-0.10
-
0.10
-0.10
-
0.10
μA
⑥
CE "L" Level Current
ICEL
VIN=36.0V,VCE=VSS
-0.10
-
0.10
-0.10
-
0.10
μA
⑥
■ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com