Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1892453 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1892453
Description  GMSTB 2,5/ 8-GF-7,62 AU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1892453 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1892453 Datasheet HTML 1Page - PHOENIX CONTACT 1892453 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 2
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMSTB 2,5/ 8-GF-7,62 AU
Order No.: 1892453
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1892453
 
 
Header, Number of positions: 8, Pitch: 7.62 mm
 
Commercial data
GTIN (EAN)
4
017918
369224
Note
Made-to-order
sales group
E112
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1892453

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
189245 FESTO-189245 Datasheet
82Kb / 1P
Vacuum suction cup holder
More results

Similar Description - 1892453

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1806229 PHOENIX-1806229 Datasheet
96Kb / 6P
Base strip - GMSTB 2,5/ 2-GF-7,62
1806232 PHOENIX-1806232 Datasheet
96Kb / 6P
Base strip - GMSTB 2,5/ 3-GF-7,62
1806258 PHOENIX-1806258 Datasheet
193Kb / 7P
Base strip - GMSTB 2,5/ 5-GF-7,62
1806261 PHOENIX-1806261 Datasheet
96Kb / 6P
Base strip - GMSTB 2,5/ 6-GF-7,62
1806287 PHOENIX-1806287 Datasheet
96Kb / 6P
Base strip - GMSTB 2,5/ 8-GF-7,62
1759932 PHOENIX-1759932 Datasheet
61Kb / 2P
GMSTB 2,5/ 8-STFS59-7,62 AU
1806274 PHOENIX-1806274 Datasheet
81Kb / 5P
Base strip - GMSTB 2,5/ 7-GF-7,62
1806290 PHOENIX-1806290 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/ 9-GF-7,62
1806313 PHOENIX-1806313 Datasheet
79Kb / 5P
Base strip - GMSTB 2,5/11-GF-7,62
1892440 PHOENIX-1892440 Datasheet
96Kb / 2P
GMSTB 2,5/ 6-GF-7,62 AU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com