Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BXC-11-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 10BXC-11-R
Description  High-density Signal Conditioners 10-RACK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BXC-11-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  10BXC-11-R Datasheet HTML 1Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 2Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 3Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 4Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 5Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 6Page - M-System Co.,Ltd. 10BXC-11-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: 10BXC
http://www.m-system.co.jp/
10BXC SPECIFICATIONS
ES-0893 Rev.12 Page 6/7
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
AZBIL DCS AO CONNECTOR
Azbil DCS AO connector
I/O cable: J-RSL / J-RSK
J-RRL / J-RRK
•
Location
Output connector: 57GE-40500-751
CN1, CN2: J-AOM10 module use
The input is connected to the connector. The CN1 and
CN2 are connected in parallel.
Install the Extender Module (model: 10BW) to unused
channels in order to close the circuit.
Azbil DCS AI connector
I/O cable: J-SSL / J-SSK
J-SRL / J-SRK
•
Location
Input connector: 00-8016-056-296-707V
CN1, CN2: J-HAM50 / J-HMM00 module use
The output 2 (output 1 with single output type)
is connected to the connector. The CN1 and CN2
are connected in parallel.
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
AZBIL DCS AI CONNECTOR
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
AZBIL DCS AO CONNECTOR
Azbil DCS AO connector
I/O cable: J-SSL / J-SSK
J-SRL / J-SRK
•
Location
Output connector: 00-8016-056-296-707V
CN1, CN2: J-AOM10 module use
The input is connected to the connector. The CN1 and
CN2 are connected in parallel.
Install the Extender Module (model: 10BW) to unused
channels in order to close the circuit.
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VM1/PM1/VM4 CARD INPUT or OUTPUT
CN1, CN2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
VM2 CARD INPUT NO.
VM2 CARD OUTPUT NO.
CN1, CN2
CN1, CN2
Yokogawa DCS connector
•
Location
I/O connector: PS-40PE-D4T1-PN1
CN1:
VMx / PM1 card use (uses KS2 cable)
CN2:
VMx / PM1 card use for redundancy
The input or output 2 (output 1 with single output type)
is connected to the connector.
VM1: analog input 16 points
VM2: analog input 8 points / analog output 8 points
VM4: analog output 16 points
PM1: pulse input 16 points
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
40
ch. 1 +
24
ch. 9 +
39
ch. 1 –
23
ch. 9 –
38
ch. 2 +
22
ch.10 +
37
ch. 2 –
21
ch.10 –
36
ch. 3 +
20
ch.11 +
35
ch. 3 –
19
ch.11 –
34
ch. 4 +
18
ch.12 +
33
ch. 4 –
17
ch.12 –
32
ch. 5 +
16
ch.13 +
31
ch. 5 –
15
ch.13 –
30
ch. 6 +
14
ch.14 +
29
ch. 6 –
13
ch.14 –
28
ch. 7 +
12
ch.15 +
27
ch. 7 –
11
ch.15 –
26
ch. 8 +
10
ch.16 +
25
ch. 8 –
9
ch.16 –
1 – 8: Unused
•Connector Pin Assignment
Toshiba DCS SAIN1 card use
•
Location
Input connector: Omron XG4A-2031
CN1:
SAIN1 (ch.1 – ch.8)
CN2:
SAIN1 (ch.1 – ch.8) for redundancy
CN3:
SAIN1 (ch.9 – ch.16)
CN4:
SAIN1 (ch.9 – ch.16) for redundancy
The output 2 (output 1 with single output type)
is connected to the connector.
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
CN1, CN2
CN3, CN4
SAIN1 INPUT POINT NO.
Toshiba DCS SAMP1 uses Panasonic AXM220001.
As connector is discontinued, Omron XG4A-2031 is
used as an alternative. (Replace cable side.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com