Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BXC-23-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 10BXC-23-R
Description  High-density Signal Conditioners 10-RACK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BXC-23-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  10BXC-23-R Datasheet HTML 1Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 2Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 3Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 4Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 5Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 6Page - M-System Co.,Ltd. 10BXC-23-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: 10BXC
http://www.m-system.co.jp/
10BXC SPECIFICATIONS
ES-0893 Rev.12 Page 4/7
DIMENSIONS unit: mm (inch)
465 (18.31)
480 (18.90)
435 (17.13)
3–M4 POWER
TERMINAL
*
PWR1 only for AC single power supply.
** Alarm output provided only for dual-redundant power supply or two independent power sources.
***Pneumatic connection provided only for model 10BXC-2.
1
2
3
PWR2
1 2 3 4 5
4 5 6
PWR1
1 2 3 4 5
5–M4 POWER
UNIT TERMINAL
3–M4 ALARM
**
OUTPUT TERMINAL
POWER UNIT
*
POWER 1 LED
**
POWER 2 LED
**
8.5 (.33)
8.2 (.32)
CONNECTORS
SUPPLY CONNECTION
Rc 3/8”
***
AIR MANIFOLD
***
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com