Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62376 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62376
Description  8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62376 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62376 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62376 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
M62376GP
MITSUBISHI (Dig./Ana. INTERFACE)
(b) Initial status just after power is turned on:
Low level output from A1 to A4 (set to [00]h)
D4/A12 to D11/A5: DAC output of High-impedance (Hi-Z), I/O
of input mode (Hi-Z)
D0 to D3
:input mode (Hi-Z)
(c) The DACHiZ command is effective only for DAC settings (A5
to A12), but not for the I/O ports (D0 to D11)
Note: To change the status of pins D4/A12 to D11/A5, switch both analog
and digital after setup of High-impedance.
Symbol
Ratings
Unit
Parameter
ABSOLUTE MAXIMUM RATINGS
VCC
V
Digital supply voltage
VDD
V
Analog supply
(D-A converter upper reference voltage)
VIN
V
Input voltage
V
mW
Topr
˚C
-20 to +85
Operating temperature
Tstg
˚C
-40 to +125
Storage temperature
Pd
Power dissipation
Conditions
200
Vout
Output voltage
-0.3 to 7.0
-0.3 to 7.0
-0.3 to VCC+0.3
V
VIN
Input voltage
-0.3 to VDD+0.3
-0.3 to VCC+0.3
V
Vout
Output voltage
-0.3 to VDD+0.3
VCC supply side pin
VCC supply side pin
VDD supply side pin
VDD supply side pin
TIMING CHART (MODEL)
S0
•••
•••
•••
•••
•••
•••
•••
S15
S0
S1
S2
S3
S12 S13 S14 S15
H-Z
n-1
n-1
n
n
n
n
n
n
n
S12 S13 S14 S15
n-1
n-1
n-1
S0
S1
S2
S3
n-1
n-1
n-1
n-1
S15
n-2
H-Z
S15
n-2
S0
n-2
S15
n-3
H-Z
CLK
SI
PARALLEL INPUT
(
SERIAL OUTPUT)
(SERIAL INPUT
)
PARALLEL OUTPUT
SO
A1 to A12
•••
•••
•••
•••
D0 to
D11
D0 to
D11
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com