Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS19G
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19G Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS19G Datasheet HTML 1Page - Vishay Siliconix BAS19G Datasheet HTML 2Page - Vishay Siliconix BAS19G Datasheet HTML 3Page - Vishay Siliconix BAS19G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS19-G, BAS20-G, BAS21-G
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 13-Feb-18
2
Document Number: 83390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Device on fiberglass substrate, see layout drawing below
LAYOUT FOR RthJA TEST
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
430
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating temperature range
Top
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1.0
V
IF = 200 mA
VF
1.25
V
Leakage current
VR = 100 V
BAS19-G
IR
100
nA
VR = 150 V
BAS20-G
IR
100
nA
VR = 200 V
BAS21-G
IR
100
nA
VR = VRmax., TJ = 150 °C
IR
100
μA
Dynamic forward resistance
IF = 10 mA
rf
5
Diode capacitance
VR = 0, f = 1 MHz
CD
5pF
Reverse recovery time
IF = IR = 30 mA, RL = 100 ,
iR = 3 mA
trr
50
ns
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com