Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6325
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

  EM6325 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Typical Operating Characteristics
(Typical values are at TA=+25°C unless otherwise noted, MR , RESET and RESET open.)
IDD vs. Temperature
Propagation Time tP vs. Temperature
Reset Timeout Period tPOR vs. Temperature
Maximum Transient Duration tSEN
(normalized with respect to tPOR 25°C)
vs. Overdrive VTH-VDD
Threshold Voltage Variation vs. Temperature (normalized)
[°C]
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
400
1
10
100
1000
[ mV ]
[ us ]
Reset occurs
above this line
[ °C ]
0%
25%
50%
75%
100%
125%
150%
175%
200%
-50 -25
0
25
50
75 100 125
t
POR (°C)
t
POR (25°C)
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100 125
[ °C ]
[ uA ]
VDD 3 . 3 V
VDD 5 . 0 V
VDD 1. 5 V
0
50
100
150
200
250
300
-50 -25
0
25
50
75
100 125
[ °C ]
[ us ]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com