Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325AX-1.3 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6325AX-1.3
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325AX-1.3 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6325AX-1.3 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325AX-1.3 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Ordering Information
EM6325
-
Delay (tPOR):
RoHS Compliance:
C = 200ms
B = 25ms
+ = lead-free/green mold compliant
A = 1.6ms
D = 1600ms
[blank]
= leaded
Reset Output Type:
Reset Threshold Voltage (VTH):
X = Active-low /RES push-pull
1.3 = 1.31V
2.6 = 2.63V
Active-high RES push-pull
1.4 = 1.38V
2.9 = 2.93V
Y = Active-low /RES open-drain
1.6 = 1.57V
3.1 = 3.08V
Active-high RES push-pull
1.7 = 1.66V
4.4 = 4.40V
Z = Active-high RES push-pull
1.8 = 1.80V
4.6 = 4.63V
2.2 = 2.20V
Package:
SP5B = SOT23-5, Tape&Reel 3000 pcs
SC5B = SC70-5, Tape&Reel 3000 pcs
SC4B = SC70-4, Tape&Reel 3000 pcs
+
C X SP5B 2.9
Top Marking
Package top marking below is for most parts in leaded package (first letter is “A”). For lead-free/green mold (RoHS) parts,
the first letter of top marking begins with letter “B” instead of letter “A”. The underscore "_ _" refers to the four-letter code for
the package (eg. SP5B, SC4B, …).
Part Number
Top
Marking
Part Number
Top
Marking
Part Number
Top
Marking
Part Number
Top
Marking
EM6325AX__-1.3
ANAA
EM6325BX__-1.3
ANBA
EM6325CX__-1.3
ANCA
EM6325DX__-1.3
ANDA
EM6325AX__-1.4
ANAB
EM6325BX__-1.4
ANBB
EM6325CX__-1.4
ANCB
EM6325DX__-1.4
ANDB
EM6325AX__-1.6
ANAC
EM6325BX__-1.6
ANBC
EM6325CX__-1.6
ANCC
EM6325DX__-1.6
ANDC
EM6325AX__-1.7
ANAD
EM6325BX__-1.7
ANBD
EM6325CX__-1.7
ANCD
EM6325DX__-1.7
ANDD
EM6325AX__-1.8
ANAE
EM6325BX__-1.8
ANBE
EM6325CX__-1.8
ANCE
EM6325DX__-1.8
ANDE
EM6325AX__-2.2
ANAF
EM6325BX__-2.2
ANBF
EM6325CX__-2.2
ANCF
EM6325DX__-2.2
ANDF
EM6325AX__-2.6
ANAG
EM6325BX__-2.6
ANBG
EM6325CX__-2.6
ANCG
EM6325DX__-2.6
ANDG
EM6325AX__-2.9
ANAH
EM6325BX__-2.9
ANBH
EM6325CX__-2.9
ANCH
EM6325DX__-2.9
ANDH
EM6325AX__-3.1
ANAJ
EM6325BX__-3.1
ANBJ
EM6325CX__-3.1
ANCJ
EM6325DX__-3.1
ANDJ
EM6325AX__-4.4
ANAK
EM6325BX__-4.4
ANBK
EM6325CX__-4.4
ANCK
EM6325DX__-4.4
ANDK
EM6325AX__-4.6
ANAL
EM6325BX__-4.6
ANBL
EM6325CX__-4.6
ANCL
EM6325DX__-4.6
ANDL
EM6325AY__-1.3
ANAM
EM6325BY__-1.3
ANBM
EM6325CY__-1.3
ANCM
EM6325DY__-1.3
ANDM
EM6325AY__-1.4
ANAN
EM6325BY__-1.4
ANBN
EM6325CY__-1.4
ANCN
EM6325DY__-1.4
ANDN
EM6325AY__-1.6
ANAP
EM6325BY__-1.6
ANBP
EM6325CY__-1.6
ANCP
EM6325DY__-1.6
ANDP
EM6325AY__-1.7
ANAQ
EM6325BY__-1.7
ANBQ
EM6325CY__-1.7
ANCQ
EM6325DY__-1.7
ANDQ
EM6325AY__-1.8
ANAR
EM6325BY__-1.8
ANBR
EM6325CY__-1.8
ANCR
EM6325DY__-1.8
ANDR
EM6325AY__-2.2
ANAS
EM6325BY__-2.2
ANBS
EM6325CY__-2.2
ANCS
EM6325DY__-2.2
ANDS
EM6325AY__-2.6
ANAT
EM6325BY__-2.6
ANBT
EM6325CY__-2.6
ANCT
EM6325DY__-2.6
ANDT
EM6325AY__-2.9
ANAU
EM6325BY__-2.9
ANBU
EM6325CY__-2.9
ANCU
EM6325DY__-2.9
ANDU
EM6325AY__-3.1
ANAV
EM6325BY__-3.1
ANBV
EM6325CY__-3.1
ANCV
EM6325DY__-3.1
ANDV
EM6325AY__-4.4
ANAW
EM6325BY__-4.4
ANBW
EM6325CY__-4.4
ANCW
EM6325DY__-4.4
ANDW
EM6325AY__-4.6
ANAX
EM6325BY__-4.6
ANBX
EM6325CY__-4.6
ANCX
EM6325DY__-4.6
ANDX
Standard Versions, Samples
Sample stock is generally held on standard versions (below) only. Non standard versions have a 30,000 pieces minimum
order quantity. Please contact factory for other versions not shown here and for availability of non standard versions.
EM6325AXSC4B-2.9
EM6325CXSC5B-2.9
EM6325CXSP5B-1.3
EM6325CXSP5B-2.6
EM6325CXSP5B-2.9
EM6325CXSP5B-3.1
EM6325CYSP5B-2.9
EM6325CYSP5B-4.6
EM6325DXSC4B-2.6
EM6325CXSP5B-4.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com