Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPPD-AB4MP3R-K Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # RPPD-AB4MP3R-K
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD-AB4MP3R-K Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  RPPD-AB4MP3R-K Datasheet HTML 1Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 2Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 3Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 4Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 5Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 6Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 7Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 8Page - M-System Co.,Ltd. RPPD-AB4MP3R-K Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 7/9
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com