Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325AX-2.9 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6325AX-2.9
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325AX-2.9 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6325AX-2.9 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325AX-2.9 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to GND
VDD
-0.3V to +6V
Minimum voltage at any signal pin
VMIN
GND - 0.3V
Maximum voltage at any signal pin
VMAX
VDD + 0.3V
Electrostatic discharge max. to
MIL-STD-883C method 3015.7
with ref. to VSS
VESD
2000V
Max. soldering conditions
TMAX
250°C x 10s
Storage Temperature Range
TSTG
-65°C to +150°C
Stresses above these listed maximum ratings may
cause permanent damages to the device. Exposure
beyond specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages
or
electric
fields;
however,
anti-static
precautions must be taken as for any other CMOS
component.
Unless
otherwise
specified,
proper
operation can only occur when all terminal voltages are
kept within the voltage range. Unused inputs must
always be tied to a defined logic voltage level.
Operating Conditions
Parameter
Symbol Min Max Unit
Supply voltage
VDD
0.9
5.5
V
Operating Temperature
TA
-40
+125
°C
Electrical Characteristics
Unless otherwise specified: VDD= 0.9V to 5.5V, TA=-40°C to +125°C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
+25°C
-
4.6
VDD=1.5V
-40°C to +125°C
-
2.3
7
+25°C
-
5.5
VDD=3.3V
-40°C to +125°C
-
2.9
8.3
+25°C
-
6.3
Supply current (note 2)
IDD
VDD=5.0V
-40°C to +125°C
-
3.4
9.6
μA
+25°C
1.290
1.330
-40°C to +85°C
1.245
1.382
EM6325 – 1.3
-40°C to +125°C
1.221
1.31
1.387
+25°C
1.359
1.401
-40°C to +85°C
1.311
1.456
EM6325 – 1.4
-40°C to +125°C
1.286
1.38
1.461
+25°C
1.546
1.594
-40°C to +85°C
1.492
1.656
EM6325 – 1.6
-40°C to +125°C
1.463
1.57
1.663
+25°C
1.635
1.685
-40°C to +85°C
1.577
1.751
EM6325 – 1.7
-40°C to +125°C
1.547
1.66
1.758
+25°C
1.773
1.827
-40°C to +85°C
1.710
1.899
EM6325 – 1.8
-40°C to +125°C
1.678
1.80
1.906
+25°C
2.167
2.233
-40°C to +85°C
2.090
2.321
EM6325 – 2.2
-40°C to +125°C
2.050
2.20
2.330
+25°C
2.591
2.669
-40°C to +85°C
2.499
2.775
EM6325 – 2.6
-40°C to +125°C
2.451
2.63
2.785
+25°C
2.886
2.974
-40°C to +85°C
2.784
3.091
EM6325 – 2.9
-40°C to +125°C
2.731
2.93
3.103
+25°C
3.034
3.126
-40°C to +85°C
2.926
3.249
EM6325 – 3.1
-40°C to +125°C
2.871
3.08
3.262
+25°C
4.334
4.466
-40°C to +85°C
4.180
4.642
EM6325 – 4.4
-40°C to +125°C
4.101
4.40
4.660
+25°C
4.561
4.699
-40°C to +85°C
4.399
4.885
Threshold voltage
(note 3)
VTH
EM6325 – 4.6
-40°C to +125°C
4.315
4.63
4.903
V
Threshold hysteresis
VHYS
TA=+25°C
-
2.1%
•VTH
-
V
Note 1:
Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
Note 3:
Threshold voltage is specified for VDD falling.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com