Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP-4 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-4
Description  Flammable Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-4 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-4 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-4 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
MP-4 Flammable Gas Sensor
MP-4 model with advanced planar construction is comprised of heater and metal oxide
semiconductor material of subminiature Al2O3 ceramic plate, fetch out electrode down-lead,
encapsulation in metal base and cap. When the target gas exists, the sensor’s conductivity is
more higher along with the gas concentration rising. Please use simple electrocircuit, convert
change of conductivity to correspond output signal of gas concentration.
Features:
*
Lower consumption
*
Small size
*
Fast response and resume
*
Highest sensitivity
*
Excellent stability and long life
*
Easy circuit and big signal output
*
Excellent selectivity
Application
It is widely used in domestic gas leakage alarm, industrial flammable gas alarm and portable gas detector.
Technical Parameters
Fig1. Sensor structure
Model
MP-4
Sensor Type
Flat surfaced
Standard Encapsulation
Metal cap
Target Gas
CH4, Nature gas, marsh gas
Detection range
300~10000ppm (methane, natural gas)
Standard Circuit
Conditions
Loop Voltage
Vc
≤24V DC
Heater Voltage
VH
5V±0.1V AC or DC
Load Resistance
RL
Adjustable
Sensor character
under standard
test conditions
Heater Resistance
RH
85Ω±15Ω (room temp.)
Heater consumption
PH
≤350mW
Sensitive resistance
RS
1KΩ~20KΩ (in 5000ppm CH4)
Sensitivity
S
Ro(in air)/Rs(5000ppm CH4)≥5
Concentration Slope
α
≤0.6(R5000ppm/R1000ppm CH4)
Standard test
conditions
Temp.
Humidity
20℃±2℃;55%±5%RH
Standard test circuit
Vc::5V±0.1V; VH: 5V±0.1V
Preheat time
Not less than 48 hours
O2 content
21%(not less than 18%)
O2 concentration effects initial value,
sensitivity and repeatability.
Lifespan
10 years



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com