Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8640 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT8638S
13
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
8638S BD
+
+
–
SLOPE COMP
INTERNAL 0.6V REF
OSCILLATOR
200kHz TO 3MHz
BURST
DETECT
3.4V
REG
M1
M2
COUT
VOUT
SW
5–8
L
BST
SWITCH
LOGIC
AND
ANTI-SHOOT
THROUGH
ERROR
AMP
SHDN
±7.75%
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
0.98V
+
–
21
4
INTVCC
3
BIAS
2
VIN
17–18
GND
9–14, 20,
29–32
CLKOUT
PHMODE
PG
25
FB
R1
CPL
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
28
SS
2µA
29
RT
22
SYNC/MODE
24
VIN
15–16
VIN
CIN1
10nF
CIN3
23
CIN2
10nF
CVCC
CBST
INTVCC
60k
600k
INTVCC
INTVCC
60k
600k
26
CC
VC
RC
CF
1
PLL
0.1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com