Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3603 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3603
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3603 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3603 Datasheet HTML 5Page - Analog Devices LTC3603 Datasheet HTML 6Page - Analog Devices LTC3603 Datasheet HTML 7Page - Analog Devices LTC3603 Datasheet HTML 8Page - Analog Devices LTC3603 Datasheet HTML 9Page - Analog Devices LTC3603 Datasheet HTML 10Page - Analog Devices LTC3603 Datasheet HTML 11Page - Analog Devices LTC3603 Datasheet HTML 12Page - Analog Devices LTC3603 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3644/LTC3644-2
9
Rev. 0
For more information www.analog.com
OPERATION
The LTC3644/LTC3644-2 is a quad high efficiency
monolithic step-down regulator, which uses a constant
frequency, peak current mode architecture. It operates
through a wide VIN range and regulates with ultralow
quiescent current. The operation frequency is set at either
1MHz or 2.25MHz and can be synchronized to an external
oscillator ±50% of the inherent frequency. To suit a variety
of applications, the selectable MODE/SYNC pin allows the
user to trade off output ripple for efficiency.
For each channel, the output voltage is set by an external
divider returned to the FB pin. An error amplifier compares
the divided output voltage with a reference voltage of
0.6V and adjusts the peak inductor current accordingly.
Overvoltage and undervoltage comparators pull the
PGOOD output low if the output voltage is not within 7.5%
of the programmed value. The PGOOD output goes high
immediately after achieving regulation and goes low 32
clock cycles after falling out of regulation.
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET)isturnedonatthebeginningofaclockcycle.The
inductorcurrentisallowedtorampuptoapeaklevel.Once
the level is reached, the top power switch is turned off and
the bottom switch (N-channel MOSFET) is turned on until
the next clock cycle. The peak current level is controlled
by the internally compensated ITH voltage, which is the
output of the error amplifier. This amplifier compares the
FB voltage to the 0.6V internal reference. When the load
current increases, the FB voltage decreases slightly below
the reference, which causes the error amplifier to increase
the ITH voltage until the average inductor current matches
the new load current.
The main control loop is shut down by pulling the RUN
pin to ground.
Low Current Operation
Twodiscontinuousconductionmodes(DCM)areavailable
to control the operation of the LTC3644 at low currents.
Both modes, Burst Mode operation and pulse-skipping
mode, automatically switch from continuous operation to
the selected mode when the load current is low.
Tooptimizeefficiency,BurstModeoperationcanbeselected
by tying the MODE/SYNC pin to INTVCC. In Burst Mode
operation, the peak inductor current is set to be at least
550mA, even if the output of the error amplifier demands
less.Thus,whentheswitcherisonatrelativelylightoutput
loads, FB voltage will rise and cause the ITH voltage to
drop. Once the ITH voltage goes below 0.2V, the switcher
goes into sleep mode with both power switches off. The
switchers remain in this sleep state until the external load
pulls the output voltage below its regulation point. When
all channels are in sleep mode, the part draws an ultralow
10µA of quiescent current from SVIN.
To minimize VOUT ripple, pulse-skipping mode can be
selected by grounding the MODE/SYNC pin. In LTC3644,
pulse-skipping mode is implemented similarly to Burst
Mode operation with the peak inductor current set to be at
least 90mA. This results in lower ripple than in Burst Mode
operation with the trade-off of slightly lower efficiency.
Forced Continuous Mode Operation
The LTC3644 also has the ability to operate in the forced
continuous mode by setting the MODE/SYNC voltage
between1VandVINTVCC–1.2V.Inforcedcontinuousmode,
the switcher switches cycle by cycle regardless of what
the output load current is. If forced continuous mode is
selected, the minimum peak current is set to be –250mA
in order to ensure that the part can operate continuously
at zero output load.
High Duty Cycle/Dropout Operation
Whentheinputsupplyvoltagedecreasestowardstheoutput
voltage, the duty cycle increases and slope compensation
is required to maintain the fixed switching frequency. The
LTC3644 has internal circuitry to accurately maintain the
peak current limit (ILIM) of 2.2A even at high duty cycles.
As the duty cycle approaches 100%, the LTC3644 enters
dropoutoperation.Duringdropout,thetopPMOSswitchis
turnedoncontinuously,andallactivecircuitryiskeptalive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com