Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4366
Description  Low Quiescent Current Surge Stopper with 9m廓 MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4381
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SEL: Output Clamp Voltage Select for LTC4381-1 and
LTC4381-2. Connect the SEL pin to GND to set the inter-
nal output clamp voltage to 28.5V. Connect it to VCC or
OUT for a 47V output clamp voltage. The SEL pin can be
pulled up to 80V or below GND by 60V without damage.
Connect SEL to GND for LTC4381-3 and LTC4381-4.
SNS: Current Sense Input. Connect to the input terminal
of the current sense resistor. The current limit amplifier
controls the GATE pin to limit the current sense voltage
to 50mV. This voltage increases to 62mV in a severe fault
when OUT is below 1.5V. A fixed 6µA is added to the TMR
pin current during an overcurrent condition to shorten the
turn-off time. In a severe short condition when the output
voltage is below 1.5V, the extra current increases to 24µA
to reduce the power dissipation in the MOSFET. ∆VSNS
(SNS – OUT) must be limited to less than ±5V. Connect
to OUT if unused.
SRC: Output of MOSFET. This is the source terminal of the
internal MOSFET, connect this pin to the sense resistor.
The SRC pin and output is indirectly clamped through
GATE pin during an overvoltage event. The LTC4381-1/
LTC4381-2 SRC pin is clamped at 28.5V above GND with
SEL = 0 V, or 47V above GND when SEL = VCC. It is also
clamped at 10.5V above VCC if the VCC voltage is low.
The LTC4381-3/LTC4381-4 SRC pin does not have the
28.5V/47V clamp to GND, it is only clamped at 10.5V
above VCC.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the fault turn-off time and cool
down period. The charging current during fault conditions
varies depending on the power dissipation of the MOSFET.
When TMR reaches 1.215V, the MOSFET turns off and
FLT pulls low. Upon gate off, the part immediately enters
a cool down period with a 2µA current pull up and pull
down on the TMR pin. After the cool down period has
concluded, the LTC4381-2 and LTC4381-4 immediately
restart, while the LTC4381-1and LTC4381-3 remain off
until the ON pin is pulled low momentarily for more than
100µs or power is cycled. A 10V rated X7R capacitor is
recommended for CTMR.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V. For applications where the
input voltage is expected to exceed 80V, the VCC pin may
be protected by a Zener diode clamp or, in the case of
short duration spikes, by a simple RC filter. Clamping the
VCC pin with a Zener diode can also be used as a means of
adjusting the output clamp voltage to a value less than the
internal 28.5V/47V clamps for the LTC4381-1/LTC4381-2.
For the adjustable versions, LTC4381-3/LTC4381-4,
which have no internal clamp, a Zener diode at the VCC
pin is the only way to limit the voltage at the output. The
VCC pin can also be powered separately from the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com