Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 54 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 54 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices LTM8045 Datasheet HTML 48Page - Analog Devices LTM8045 Datasheet HTML 49Page - Analog Devices LTM8045 Datasheet HTML 50Page - Analog Devices LTM8045 Datasheet HTML 51Page - Analog Devices LTM8045 Datasheet HTML 52Page - Analog Devices LTM8045 Datasheet HTML 53Page - Analog Devices LTM8045 Datasheet HTML 54Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTM4655
54
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
www.analog.com
04/21
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTM4651
EN55022B Compliant 58VIN, 24W Inverting-Output DC/DC
μModule Regulator
3.6V ≤ VIN ≤ 58V, –26.5V ≤ VOUT ≤ –0.5V, IOUT ≤ 4A,
15mm × 9mm × 5.01mm BGA
LTM4653
EN55022B Compliant 58VIN, 4A Step-Down DC/DC
μModule Regulator
3.1V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 0.94V • VIN,
15mm × 9mm × 5.01mm BGA
LTM8045
SEPIC or Inverting µModule DC/DC Converter
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V. IOUT(DC) ≤ 700mA,
6.25mm × 11.25mm × 4.92mm BGA
LTM8053
40V, Dual 3.5A Silent Switcher Step-Down µModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V,
6.25mm × 9mm × 3.32mm BGA
LTM8024
40V, 3.5A Silent Switcher Step-Down µModule Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V,
9mm × 11.25mm × 3.32mm BGA
LTM8049
Dual, SEPIC and/or Inverting µModule DC/DC Converter
2.6V ≤ VIN ≤ 20V, ±2.5V ≤ VOUT ≤ ±24V. IOUT(DC) ≤ 1A/Channel,
9mm × 15mm × 2.42mm BGA
LTM8071
60V, 5A Silent Switcher® Step-Down µModule Regulator
3.6V ≤ VIN ≤ 60V, 0.97V ≤ VOUT ≤ 15V,
6.25mm × 9mm × 3.32mm BGA
LTM8073
60V, 3A Silent Switcher Step-Down µModule Regulator
3.4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 15V,
9mm × 11.25mm × 3.32mm BGA
PACKAGE PHOTOGRAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com