Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3094MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3094MPBF
Description  3 PHASE PWM CONTROLLER FOR POINT OF LOAD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3094MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3094MPBF Datasheet HTML 17Page - International Rectifier IR3094MPBF Datasheet HTML 18Page - International Rectifier IR3094MPBF Datasheet HTML 19Page - International Rectifier IR3094MPBF Datasheet HTML 20Page - International Rectifier IR3094MPBF Datasheet HTML 21Page - International Rectifier IR3094MPBF Datasheet HTML 22Page - International Rectifier IR3094MPBF Datasheet HTML 23Page - International Rectifier IR3094MPBF Datasheet HTML 24Page - International Rectifier IR3094MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IR3094PBF
Page 21 of 29
09/26/05
RCP
CCP1
EAOUT
CCP
RFB
RDRP
VO+
VDRP
VDAC
+
-
EAOUT
FB
FB
CFB
CDRP
RCP
EAOUT
CCP1
CCP
RFB
RDRP
VO+
VDRP
VDAC
FB
+
-
EAOUT
RFB1
(
a) Type II compensation
(b) Type III compensation
Figure 9. Voltage loop compensation networks
Type II Compensation for Voltage Droop Applications
Determine the compensation at no load, the worst case condition. Choose the crossover frequency fc between 1/10
and 1/5 of the switching frequency per phase. Assume the time constant of the resistor and capacitor across the
output inductors matches that of the inductor, and determine RCP and CCP from (16) and (17), where LE and CE are
the equivalent inductance of output inductors and the equivalent capacitance of output capacitors respectively.
2
2
)
*
*
*
2
(
1
*
5
)
2
(
C
C
I
FB
E
E
C
CP
R
C
f
V
R
C
L
f
R
S
S

(16)
CP
E
E
CP
R
C
L
C
10
(17)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise. A
ceramic capacitor between 10pF and 220pF is usually enough.
Type III Compensation for Voltage Droop Applications
Determine the compensation at no load, the worst case condition. Assume the time constant of the resistor and
capacitor across the output inductors matches that of the inductor, the crossover frequency and phase margin of the
voltage loop can be estimated by (18) and (19), where RLE is the equivalent resistance of inductor DCR.
LE
FB
CS
E
DRP
C
R
R
G
C
R
f
*
*
2
1
S
(18)
S
T
180
)
5
.
0
tan(
90
1
 A
C
(19)
Choose the desired crossover frequency fc around fc1 estimated by (18) or choose fc between 1/10 and 1/5 of the
switching frequency per phase, and select the components to ensure the slope of close loop gain is -20dB /Dec
around the crossover frequency. Choose resistor RFB1 according to (20), and determine CFB and CDRP from (21)
and (22).
VREF
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com