Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5910 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5910 Datasheet(HTML) 5 Page - Texas Instruments

  LP5910 Datasheet HTML 1Page - Texas Instruments LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
LP5910
UNIT
YKA (DSBGA)
DRV (WSON)
4 PINS
6 PINS
RθJA (2)
Junction-to-ambient thermal resistance, High-K
202.8
79.2(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
3.3
110.2
°C/W
RθJB
Junction-to-board thermal resistance
36.0
48.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
5.2
°C/W
ψJB
Junction-to-board characterization parameter
36.0
49.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
18.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON/DRV package RθJA includes two (2) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V, VEN = 1 V, IOUT = 1 mA, CIN = 1 µF, and COUT = 1 µF (unless otherwise noted)(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ΔVOUT
Output voltage tolerance
VIN = (VOUT(NOM) + 0.5 V) to 3.3 V,
IOUT = 1 mA to 300 mA
–2
2
%VOUT
Line regulation
VIN = (VOUT(NOM) + 0.5 V) to 3.3 V,
IOUT = 1 mA
0.01
%/V
Load regulation
IOUT = 1 mA to 300 mA
0.002
%/mA
ILOAD
Load current
See(4)
0
300
mA
IQ
Quiescent current(5)
VEN = 1 V, IOUT = 0 mA
12
25
µA
VEN = 1 V, IOUT = 300 mA
230
350
IQ(SD)
Quiescent current in
shutdown(5)
VEN = 0.3 V, –40°C ≤ TJ ≤ 85°C
0.02
2
IRO
Output reverse current(7)
VOUT > VIN
VOUT = 3.3 V, VIN = VEN = 0 V
–20
0
µA
VOUT = 3.3 V, VIN = VEN = 1.3 V
0
50
µA
IG
Ground current(6)
IOUT = 0 mA (VOUT = 2.3 V)
15
µA
VDO
Dropout voltage(8)
1.3 V ≤ VOUT < 1.5 V,
IOUT = 300 mA
DSBGA only
200
300
mV
1.5 V ≤ VOUT <1.8V,
IOUT = 300 mA
DSBGA only
160
235
1.8 V ≤ VOUT ≤ 2.3 V,
IOUT = 300 mA
DSBGA only
120
180
1.3 V ≤ VOUT < 1.5 V,
IOUT = 300 mA
WSON only
245
370
1.5 V ≤ VOUT < 1.8V,
IOUT = 300 mA
WSON only
195
270
1.8 V ≤ VOUT ≤ 2.3 V,
IOUT = 300 mA
WSON only
145
220
ILIMIT
Output current limit
VOUT = VOUT(NOM) – 0.1 V
VIN = VOUT(NOM) + 0.5 V
450
mA
www.ti.com
LP5910
SNVSA91F – SEPTEMBER 2015 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP5910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com