Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1925346 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925346
Description  Printed-circuit board connector - QC 0,5/ 3-ST-3,81 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925346 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925346 Datasheet HTML 1Page - PHOENIX CONTACT 1925346 Datasheet HTML 2Page - PHOENIX CONTACT 1925346 Datasheet HTML 3Page - PHOENIX CONTACT 1925346 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1925346
08/26/2014   Page 1 / 4
Printed-circuit board connector - QC 0,5/ 3-ST-3,81 BK - 1925346
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 6 A, Rated voltage (III/2): 200 V, Number of positions: 3, Pitch: 3.81 mm,
Connection method: Insulation displacement connection QUICKON, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
2.92 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
7.62 mm
General
Range of articles
QC 0,5/..-ST
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
200 V
Rated voltage (III/2)
200 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
6 A
Nominal cross section
0.5 mm²
Number of positions
3
Connection data
Conductor cross section stranded min.
0.34 mm²
Conductor cross section stranded max.
0.5 mm²
Conductor cross section AWG/kcmil min.
22
Conductor cross section AWG/kcmil max
20
Minimum AWG according to UL/CUL
24
Maximum AWG according to UL/CUL
20
Wire diameter incl. insulation
2.2 mm


Similar Part No. - 1925346

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19253 ETC2-19253 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
logo
DESCO INDUSTRIES INC
19253 DESCO-19253 Datasheet
399Kb / 3P
Calibration Unit for Testers Installation, Operation and Maintenance
February 2019
logo
PHOENIX CONTACT
1925333 PHOENIX-1925333 Datasheet
57Kb / 4P
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 BK
1925359 PHOENIX-1925359 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 4-ST-3,81 BK
1925362 PHOENIX-1925362 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/10-ST BD:1-10
More results

Similar Description - 1925346

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1897429 PHOENIX-1897429 Datasheet
142Kb / 8P
Printed-circuit board connector - QC 0,5/ 5-ST-3,81
1897458 PHOENIX-1897458 Datasheet
135Kb / 5P
QC 0,5/ 8-ST-3,81
1731235 PHOENIX-1731235 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 LC RD/BK
1800255 PHOENIX-1800255 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVW 1,5/10-ST-3,81 BK
1800244 PHOENIX-1800244 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 5-ST-3,81 BK
1800271 PHOENIX-1800271 Datasheet
66Kb / 4P
Printed-circuit board connector - FK-MCP 1,5/ 3-ST-3,81 BK
1839678 PHOENIX-1839678 Datasheet
59Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,81 BK
1921683 PHOENIX-1921683 Datasheet
92Kb / 5P
Printed-circuit board connector - QC 1/ 3-ST-BUS
1925333 PHOENIX-1925333 Datasheet
57Kb / 4P
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 BK
1925359 PHOENIX-1925359 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 4-ST-3,81 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com