Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1985 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies LD1985 Datasheet HTML 10Page - Unisonic Technologies LD1985 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
9
QW-R102-021,B
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=10µ F
fosc=1KHz
70
60
40
Supply Voltage Rejection vs Frequency
20
f (KHz)
0
50
30
10
10
1
10
2
10
3
10
4
Vi=3.5 ~ 6.5V
Io=10mA
Vo=2.5V
Co=1µ F
80
25
075
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=1µ F
fosc=1KHz
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7µ F, tr=tf=20ns
Ch1 500mV
20.0mV
CH2
M 10.0μs Ch1
3.96V
Ch2
1
?
?
T
Tek Run:5.00MS/s Average
1
100
175
100
175
80
10
5
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7μF, tr=tf=1μs
500mV
20.0mV
CH2
M 10.0µ s Ch1
3.96V
1
?
?
T
Tek Run:5.00MS/s Average
Ch1
Ch2
2
f (KHz)
70
60
40
Supply Voltage Rejection vs Frequency
20
0
50
30
10
10
1
10
2
10
3
10
4
Vi=2.8 ~ 5.8V
Io=10mA
Vo=1.8V
Co=10µ F
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com